Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

H8/38076RF Datasheet(PDF) 20 Page - Renesas Technology Corp

Part # H8/38076RF
Description  Renesas 16-Bit Single-Chip Microcomputer H8 Family/H8/300H Super Low Power Series
PDF  669 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

H8/38076RF Datasheet(HTML) 20 Page - Renesas Technology Corp

Back Button H8/38076RF Datasheet HTML 16Page - Renesas Technology Corp H8/38076RF Datasheet HTML 17Page - Renesas Technology Corp H8/38076RF Datasheet HTML 18Page - Renesas Technology Corp H8/38076RF Datasheet HTML 19Page - Renesas Technology Corp H8/38076RF Datasheet HTML 20Page - Renesas Technology Corp H8/38076RF Datasheet HTML 21Page - Renesas Technology Corp H8/38076RF Datasheet HTML 22Page - Renesas Technology Corp H8/38076RF Datasheet HTML 23Page - Renesas Technology Corp H8/38076RF Datasheet HTML 24Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 20 / 669 page
background image
Rev. 4.00 Aug 23, 2006 Page xx of lxxii
Item
Page
Revision (See Manual for Details)
9.2.5 Pin Functions
169
Description amended
• P32/TXD32/SCL pin
The pin function is switched as shown below according to the combination of the PCR32 bit in
PCR3, ICE bit in ICRR1, TE
bit in SCR32, and SPC32 bit in SPCR.
ICE
0
1
SPC32
0
x
TE
x
x
PCR32
0
1
x
x
Pin Function
P32 input pin
P32 output pin
TXD32 output
pin*
SCL I/O pin
1
x
[Legend]
x: Don't care.
Note:
*
If SPC32 is set to 1 and TE is cleared to 0, the mark state is entered and 1 is output
from the TXD32 output pin.
• P31/RXD32/SDA pin
The pin function is switched as shown below according to the combination of the PCR31 bit in
PCR3, ICE bit in ICCR1, and RE bit in SCR32.
ICE
0
1
RE
0
1
x
PCR31
0
1
x
x
Pin Function
P31 input pin
P31 output pin
RXD32 output
pin
SDA I/O pin
[Legend]
x: Don't care.
170
• P30/SCK32/TMOW pin
The pin function is switched as shown below according to the combination of the TMOW bit
in PMR3, PCR30 bit in PCR3, CKE
1 and CKE
0 bits in SCR32, and COM
bit in SMR32.
TMOW
0
1
CKE
1
0
1
CKE
0
0
1
x
x
x
COM
0
1
x
x
x
x
PCR30
0
1
x
x
Pin Function
P30 input
pin
P30
output
pin
SCK32 output
pin
SCK32 input
pin
TMOW output
pin
[Legend]
x: Don't care.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com