Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

H8/38076RF Datasheet(PDF) 31 Page - Renesas Technology Corp

Part # H8/38076RF
Description  Renesas 16-Bit Single-Chip Microcomputer H8 Family/H8/300H Super Low Power Series
PDF  669 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

H8/38076RF Datasheet(HTML) 31 Page - Renesas Technology Corp

Back Button H8/38076RF Datasheet HTML 27Page - Renesas Technology Corp H8/38076RF Datasheet HTML 28Page - Renesas Technology Corp H8/38076RF Datasheet HTML 29Page - Renesas Technology Corp H8/38076RF Datasheet HTML 30Page - Renesas Technology Corp H8/38076RF Datasheet HTML 31Page - Renesas Technology Corp H8/38076RF Datasheet HTML 32Page - Renesas Technology Corp H8/38076RF Datasheet HTML 33Page - Renesas Technology Corp H8/38076RF Datasheet HTML 34Page - Renesas Technology Corp H8/38076RF Datasheet HTML 35Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 31 / 669 page
background image
Rev. 4.00 Aug 23, 2006 Page xxxi of lxxii
Item
Page
Revision (See Manual for Details)
15.3.8 Bit Rate
Register (BRR)
319
Description amended
[Asynchronous Mode]
Active (medium-speed/high-speed) or sleep (medium-speed/high-speed)
N =
OSC
32
× 22n × B
– 1
Error (%) =
× 100
B (bit rate obtained from n, N,
φ) – R (bit rate in left-hand column in table 15.3)
R (bit rate in left-hand column in table 15.3)
Subactive or subsleep
N =
OSC
64
× 22n × B
– 1
[Legend] B:
Bit rate (bit/s)
N:
BRR setting for baud rate generator (0
≤ N ≤ 255)
OSC:
φ
OSC value (Hz)
n:
Baud rate generator input clock number (n = 0, 2, or 3)
(The relation between n and the clock is shown in table 15.3)
Table 15.3
Examples of BRR
Settings for Various
Bit Rates
(Asynchronous
Mode) (1)
320
Table amended
32.8kHz
38.4kHz
2MHz
2.097152MHz
Bit Rate
(bit/s)
n
N
Error
(%)
n
N
Error
(%)
n
N
Error
(%)
n
N
Error
(%)
110
——
—
—
—
—
235
–1.36
2
36
0.64
150
—
—
—
0
3
0.00
2
25
0.16
2
26
1.14
200
—
—
—
0
2
0.00
2
19
–2.34
3
4
2.40
250
—
12.50
——
—
0
249
0.00
3
3
2.40
300
——
—
0
1
0.00
0
207
0.16
0
217
0.21
600
——
—
0
0
0.00
0
103
0.16
0
108
0.21
1200
——
—
—
—
—
0
51
0.16
0
54
–0.70
2400
——
—
—
—
—
0
25
0.16
0
26
1.14
Table 15.3
Examples of BRR
Settings for Various
Bit Rates
(Asynchronous
Mode) (2)
321
Table amended
2.4576MHz
3MHz
3.6864MHz
4MHz
Bit Rate
(bit/s)
n
N
Error
(%)
n
N
Error
(%)
n
N
Error
(%)
n
N
Error
(%)
110
3
10
–0.83
2
52
0.50
2
64
0.70
2
70
0.03
150
3
7
0.00
2
38
0.16
3
11
0.00
2
51
0.16
200
3
5
0.00
2
28
1.02
3
8
0.00
2
38
0.16
250
2
18
1.05
2
22
1.90
2
28
–0.69
2
30
0.81
300
3
3
0.00
3
4
–2.34
3
5
0.00
2
25
0.16
600
3
1
0.00
0
155
0.16
3
2
0.00
0
207
0.16



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com