Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

H8/38076RF Datasheet(PDF) 32 Page - Renesas Technology Corp

Part # H8/38076RF
Description  Renesas 16-Bit Single-Chip Microcomputer H8 Family/H8/300H Super Low Power Series
PDF  669 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

H8/38076RF Datasheet(HTML) 32 Page - Renesas Technology Corp

Back Button H8/38076RF Datasheet HTML 28Page - Renesas Technology Corp H8/38076RF Datasheet HTML 29Page - Renesas Technology Corp H8/38076RF Datasheet HTML 30Page - Renesas Technology Corp H8/38076RF Datasheet HTML 31Page - Renesas Technology Corp H8/38076RF Datasheet HTML 32Page - Renesas Technology Corp H8/38076RF Datasheet HTML 33Page - Renesas Technology Corp H8/38076RF Datasheet HTML 34Page - Renesas Technology Corp H8/38076RF Datasheet HTML 35Page - Renesas Technology Corp H8/38076RF Datasheet HTML 36Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 32 / 669 page
background image
Rev. 4.00 Aug 23, 2006 Page xxxii of lxxii
Item
Page
Revision (See Manual for Details)
15.3.8 Bit Rate
Register (BRR)
Table 15.3
Examples of BRR
Settings for Various
Bit Rates
(Asynchronous
Mode) (3)
322
Table amended
4.9152MHz
5MHz
6MHz
6.144MHz
Bit Rate
(bit/s)
n
N
Error
(%)
n
N
Error
(%)
n
N
Error
(%)
n
N
Error
(%)
110
2
86
0.31
2
88
–0.25
2
106
–0.44
2
108
0.08
150
3
15
0.00
2
64
0.16
2
77
0.16
3
19
0.00
200
3
11
0.00
2
48
–0.35
2
58
–0.69
3
14
0.00
250
2
37
1.05
2
38
0.16
2
46
–0.27
3
11
0.00
300
3
7
0.00
2
32
–1.36
2
38
0.16
3
9
0.00
600
3
3
0.00
0
255
1.73
3
4
–2.34
3
4
0.00
1200
3
1
0.00
0
129
0.16
0
155
0.16
2
9
0.00
Table 15.5
Maximum Bit Rate
for Each Frequency
(Asynchronous
Mode)
324
Table amended
Setting
OSC (MHz)
Maximum Bit Rate (bit/s)
n
N
0.0328
512.5
0
0
0
0.0384
600
0
0
2
62500
0
Table 15.6 BRR
Settings for Various
Bit Rates (Clocked
Synchronous Mode)
(1)
325
Table amended
φφφφ
32.8 kHz
38.4 kHz
MHz
Bit Rate
(bit/s)
n
N
Error (%)
n
N
Error (%)
n
N
Error (%)
200
0
20
–2.38
0
23
0.00
2
155
0.16
250
0
15
2.50
0
18
1.05
2
124
0.00
300
0
13
–2.38
0
15
0.00
2
103
0.16
500
0
72.50
262
−0.79
1k
0
32.50

230
0.81
2
Table 15.6 BRR
Settings for Various
Bit Rates (Clocked
Synchronous Mode)
(2)
326
Table and note amended
φφφφ
4 MHz
8 MHz
10 MHz
Bit Rate
(bit/s)
n
N
Error (%)
n
N
Error (%)
n
N
Error (%)
10k
0
99
0.00
0
199
0.00
2
15
–2.34
Note:
*
Continuous transmission/reception is not possible.
The value set in BRR is given by the following formula:
Active (medium-speed/high-speed) or sleep (medium-speed/high-speed)
N =
OSC
4
× 22n × B
– 1
Subactive or subsleep
N =
OSC
8
× 22n × B
– 1
B:
Bit rate (bit/s)
N:
BRR setting for baud rate generator (0
≤ N ≤ 255)
OSC:
φ
OSC value (Hz)
n:
Baud rate generator input clock number (n = 0, 2, or 3)
(The relation between n and the clock is shown in table 15.7.)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com