Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

ATTINY817-MFR. Datasheet(PDF) 158 Page - Microchip Technology

Part # ATTINY817-MFR.
Description  AVR짰 Microcontroller with Core Independent Peripherals and picoPower짰 Technology
PDF  492 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

ATTINY817-MFR. Datasheet(HTML) 158 Page - Microchip Technology

Back Button ATTINY817-MFR. Datasheet HTML 154Page - Microchip Technology ATTINY817-MFR. Datasheet HTML 155Page - Microchip Technology ATTINY817-MFR. Datasheet HTML 156Page - Microchip Technology ATTINY817-MFR. Datasheet HTML 157Page - Microchip Technology ATTINY817-MFR. Datasheet HTML 158Page - Microchip Technology ATTINY817-MFR. Datasheet HTML 159Page - Microchip Technology ATTINY817-MFR. Datasheet HTML 160Page - Microchip Technology ATTINY817-MFR. Datasheet HTML 161Page - Microchip Technology ATTINY817-MFR. Datasheet HTML 162Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 158 / 492 page
background image
Bit
7
6
5
4
3
2
1
0
CMPnEN2
CMPnEN1
CMPnEN0
ALUPD
WGMODE[2:0]
Access
R/W
R/W
R/W
R/W
R/W
R/W
R/W
Reset
0
0
0
0
0
0
0
Bits 4, 5, 6 – CMPnEN: Compare n Enable
In the FRQ or PWM waveform generation mode, these bits will override the PORT output register for the
corresponding pin.
Value
Description
0
PORT output settings for the pin with WOn output respected.
1
PORT output settings for pin with WOn output overridden in FRQ or PWM waveform
generation mode.
Bit 3 – ALUPD: Auto Lock Update
The Auto Lock Update feature controls the Lock Update (LUPD) bit in the TCA.CTRLE register. When
ALUPD is written to ‘1’, LUPD will be set to ‘1’ until the Buffer Valid (CMPnBV) bits of all enabled compare
channels are ‘1’. This condition will clear LUPD.
It will remain cleared until the next UPDATE condition, where the buffer values will be transferred to the
CMPn registers and LUPD will be set to ‘1’ again. This makes sure that CMPnBUF register values are not
transferred to the CMPn registers until all enabled compare buffers are written.
Value
Description
0
LUPD in TCA.CTRLE not altered by system.
1
LUPD in TCA.CTRLE set and cleared automatically.
Bits 2:0 – WGMODE[2:0]: Waveform Generation Mode
These bits select the waveform generation mode, and control the counting sequence of the counter, TOP
value, UPDATE condition, interrupt condition, and type of waveform that is generated.
No waveform generation is performed in the normal mode of operation. For all other modes, the result
from the waveform generator will only be directed to the PORT pins if the corresponding CMPnEN bit has
been set to enable this. The port pin direction must be set as output.
Table 20-5. Timer Waveform Generation Mode
WGMODE[2:0] Group Configuration Mode of Operation Top
Update
OVF
000
NORMAL
Normal
PER
TOP
TOP
001
FRQ
Frequency
CMP0 TOP
TOP
010
-
Reserved
-
-
-
011
SINGLESLOPE
Single-slope PWM
PER
BOTTOM BOTTOM
100
-
Reserved
-
-
-
101
DSTOP
Dual-slope PWM
PER
BOTTOM TOP
110
DSBOTH
Dual-slope PWM
PER
BOTTOM TOP and BOTTOM
111
DSBOTTOM
Dual-slope PWM
PER
BOTTOM BOTTOM
ATtiny417/817
© 2017 Microchip Technology Inc.
Datasheet Complete
DS40001901B-page 158



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com