Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

T1X06000GA-N1-R3 Datasheet(PDF) 28 Page - Toshiba Semiconductor

Part # T1X06000GA-N1-R3
Description  UNINTERRUPTIBLE POWER SYSTEM (UPS)
PDF  118 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOSHIBA [Toshiba Semiconductor]
Direct Link  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor

T1X06000GA-N1-R3 Datasheet(HTML) 28 Page - Toshiba Semiconductor

Back Button T1X06000GA-N1-R3 Datasheet HTML 24Page - Toshiba Semiconductor T1X06000GA-N1-R3 Datasheet HTML 25Page - Toshiba Semiconductor T1X06000GA-N1-R3 Datasheet HTML 26Page - Toshiba Semiconductor T1X06000GA-N1-R3 Datasheet HTML 27Page - Toshiba Semiconductor T1X06000GA-N1-R3 Datasheet HTML 28Page - Toshiba Semiconductor T1X06000GA-N1-R3 Datasheet HTML 29Page - Toshiba Semiconductor T1X06000GA-N1-R3 Datasheet HTML 30Page - Toshiba Semiconductor T1X06000GA-N1-R3 Datasheet HTML 31Page - Toshiba Semiconductor T1X06000GA-N1-R3 Datasheet HTML 32Page - Toshiba Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 28 / 118 page
background image
18
T1000 Series UPS 5.6-6kVA Installation and Operation Manual – 91074-005
7.3 Layout - Transformer Module
Compatible with both the 5.2kVA and 6kVA Power Modules.
TABLE 7-3: TRANSFORMER MODULE BATTERY MODULE - BACK PANEL LAYOUT
No. Label
Function
1
OUTPUT 120VAC 20A
Output Receptacle Panel: 4 duplex NEMA 5-20R (250V,
20A)
2
OUTPUT FUSES
Fuses, 4 ea. ,(250V, 20A)
(4 Line fuses, one for each pair NEMA 5-20R. Total current
limit for each pair receptacles is 20A.
Total output from all receptacles must not exceed 50 A)
3
AC OUT FROM UPS
Anderson receptacle for UPS output cable.
7.4 Power Module Cable Size and Tightening Torque
The Battery Modules and Transformer modules come with their own inter-module cabling included.
See Fig. 7.5.
Only the Power Module Input terminals need to have wiring installed.
The Power Module Output terminal wired using either:
•
Factory-supplied inter-module cables
•
Customer-supplied hardwire cables
Use the following table to select the recommended wire size and terminal lug tightening torque for I/O wire
connections.
TABLE 7-4: POWER MODULE CABLE SIZING AND TERMINAL TORQUE SPECIFICATIONS- HARDWIRE
(USE COPPER 75°C MIN. CONDUCTORS ONLY)
Terminal
Terminal
Number
Terminal
Capacity
(AWG)
Recommended Wire Stripping
Length
in (mm)
Tightening Torque
lb.-in. (N•m)
6 kVA
AC Input Line, Neutral
L, N
24 - 6
10 - 8
0.43 in
(11 mm)
11 - 21 (1.2 - 2.4)
AC Input Ground
G
24 - 6
10 - 8
11 - 21 (1.2 - 2.4)
AC Output Line, Neutral
L, N
24 - 6
10 - 8
0.43 in
(11 mm)
11 - 21 (1.2 - 2.4)
AC Output Ground
G
24 - 6
10 - 8
11 - 21 (1.2 - 2.4)
EPO Switch
(Plug)
30 - 12
18 - 16
0.27 in
(7 mm)
3.5 - 4.4 (0.4 - 0.5)
Remote Switch
(Plug)
30 - 12
18 - 16
3.5 - 4.4 (0.4 - 0.5)
FIGURE 7-5: TRANSFORMER MODULE - BACK PANEL LAYOUT
1
2
3
13131 WEST LITTLE YORK ROAD, HOUSTON, TX, 77041 U.S.A.
THIS MATERIAL IS THE EXCLUSIVE PROPERTY OF
TOSHIBA INTERNATIONAL CORPORATION AND SHALL NOT
BE REPRODUCED, USED OR DISCLOSED TO OTHERS
UNLESS PRIOR WRITTEN AUTHORIZATION IS OBTAINED.
TITLE:
SCALE
ORDER NO.
DRAWING NO.
SH.
OF
DRAWN BY:
CHECKED BY:
APPROVED BY:
DATE
DATE
DATE
TOLERANCE:
.XX TO .03
.XXX TO .015
.XXXX TO .005
6KVA_RM_TRANSFORMER_MOD_001
3
4
TRANSFORMER MODULE
T1000 SERIES UPS
0.500
JEE
Apr-16-14
REV:
A
REAR VIEW
OUTPUT PANEL 8X 5-20R
91426
13131 WEST LITTLE YORK ROAD, HOUSTON, TX, 77041 U.S.A.
THIS MATERIAL IS THE EXCLUSIVE PROPERTY OF
TOSHIBA INTERNATIONAL CORPORATION AND SHALL NOT
BE REPRODUCED, USED OR DISCLOSED TO OTHERS
UNLESS PRIOR WRITTEN AUTHORIZATION IS OBTAINED.
TITLE:
SCALE
ORDER NO.
DRAWING NO.
SH.
OF
DRAWN BY:
CHECKED BY:
APPROVED BY:
DATE
DATE
DATE
TOLERANCE:
.XX TO .03
.XXX TO .015
.XXXX TO .005
10.875
4.875
4.875
10.875
4.875
10.875
4.875
10.875
6KVA-OP-PANEL_OPTS
1
1
OUTPUT PANEL OPTIONS
T1000 6KvA UPS
0.500
JEE
Feb-11-14
REV:
0
C-13, (250V 15A) & C-19, (250V 20A)
NEMA 5-20R, (125V 20A) (XFMR MODULE)
NEMA L6-20R, (250V 20A) L6-30R, (250V 30A)
BLANK PANEL
90511
ASSY: 91427; PANEL: 90502
ASSY: 91425; PANEL: 90500
ASSY: 91426; PANEL: 90501



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com