Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

T1X06000GA-N1-R3 Datasheet(PDF) 29 Page - Toshiba Semiconductor

Part # T1X06000GA-N1-R3
Description  UNINTERRUPTIBLE POWER SYSTEM (UPS)
PDF  118 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOSHIBA [Toshiba Semiconductor]
Direct Link  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor

T1X06000GA-N1-R3 Datasheet(HTML) 29 Page - Toshiba Semiconductor

Back Button T1X06000GA-N1-R3 Datasheet HTML 25Page - Toshiba Semiconductor T1X06000GA-N1-R3 Datasheet HTML 26Page - Toshiba Semiconductor T1X06000GA-N1-R3 Datasheet HTML 27Page - Toshiba Semiconductor T1X06000GA-N1-R3 Datasheet HTML 28Page - Toshiba Semiconductor T1X06000GA-N1-R3 Datasheet HTML 29Page - Toshiba Semiconductor T1X06000GA-N1-R3 Datasheet HTML 30Page - Toshiba Semiconductor T1X06000GA-N1-R3 Datasheet HTML 31Page - Toshiba Semiconductor T1X06000GA-N1-R3 Datasheet HTML 32Page - Toshiba Semiconductor T1X06000GA-N1-R3 Datasheet HTML 33Page - Toshiba Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 29 / 118 page
background image
19
T1000 Series UPS 5.6-6kVA Installation and Operation Manual – 91074-005
TABLE 7-5: 120V SYSTEM CABLING SPECIFICATIONS
No. Item
Function
1
92855 Battery Connector Cable
Factory Supplied - Connects Power Module EXT BATT to Batt
Module BC1 CN12A to using keyed Anderson Connectors.
2
92855 Battery Connector Cable
Factory Supplied - Connects Batt Module BC1 CN12B to either
Batt Module BC2 CN12A or Batt Module BC2 CN12B using
keyed Anderson Connectors.
3
92858 (240V) and 92883 (208V) Power
Module L6-30 Output to Xfmr Module Cable
Both Factory Supplied - L6-30P twistlock to Xfmr Module keyed
Anderson Connector.
4
TB2 240V Hardwire Output
User Supplied (two wire plus ground)
5
TB1 240V Hardwire Input
User Supplied (two wire plus ground)
FIGURE 7-5: FACTORY SUPPLIED CABLING GUIDE - W/ 120V XFMER MODULE
3
1
2
4
CN12A
CN12B
CN12A
CN12B
INPUT MCCB1
REMOTEYE
REM. STOP
EPO 240V
5



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com