Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

T1X06000GA-N1-R3 Datasheet(PDF) 52 Page - Toshiba Semiconductor

Part # T1X06000GA-N1-R3
Description  UNINTERRUPTIBLE POWER SYSTEM (UPS)
PDF  118 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOSHIBA [Toshiba Semiconductor]
Direct Link  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor

T1X06000GA-N1-R3 Datasheet(HTML) 52 Page - Toshiba Semiconductor

Back Button T1X06000GA-N1-R3 Datasheet HTML 48Page - Toshiba Semiconductor T1X06000GA-N1-R3 Datasheet HTML 49Page - Toshiba Semiconductor T1X06000GA-N1-R3 Datasheet HTML 50Page - Toshiba Semiconductor T1X06000GA-N1-R3 Datasheet HTML 51Page - Toshiba Semiconductor T1X06000GA-N1-R3 Datasheet HTML 52Page - Toshiba Semiconductor T1X06000GA-N1-R3 Datasheet HTML 53Page - Toshiba Semiconductor T1X06000GA-N1-R3 Datasheet HTML 54Page - Toshiba Semiconductor T1X06000GA-N1-R3 Datasheet HTML 55Page - Toshiba Semiconductor T1X06000GA-N1-R3 Datasheet HTML 56Page - Toshiba Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 52 / 118 page
background image
42
T1000 Series UPS 5.6-6kVA Installation and Operation Manual – 91074-005
Remote Stop
The Remote Stop is triggered by an external NO (Normally Open) dry contact switch. Power to the
Remote Stop switch is about 10Vdc, and less than 20mA.
When the Remote Stop switch is closed, the UPS transfers from Normal/Backup to Bypass after a 1 – 2
sec. detection delay. (See the diagram below)
When the closed Remote Stop switch is opened, the UPS transfers from Bypass back to it’s initial state
(Normal/Backup) after a 1 – 2 sec. detection delay.
If the UPS is in bypass when the Remote Stop is closed, no action is taken.
Detection Delay
1-2 Sec.
Detection Delay
1-2 Sec.
Remote Status
Switch
Normal / Backup Mode
Closed
Open
Bypass Mode
UPS Mode
FIGURE 14-2: REMOTE STATUS SHUTDOWN TIMING



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com