Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

T1X06000GA-N1-R3 Datasheet(PDF) 42 Page - Toshiba Semiconductor

Part # T1X06000GA-N1-R3
Description  UNINTERRUPTIBLE POWER SYSTEM (UPS)
PDF  118 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOSHIBA [Toshiba Semiconductor]
Direct Link  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor

T1X06000GA-N1-R3 Datasheet(HTML) 42 Page - Toshiba Semiconductor

Back Button T1X06000GA-N1-R3 Datasheet HTML 38Page - Toshiba Semiconductor T1X06000GA-N1-R3 Datasheet HTML 39Page - Toshiba Semiconductor T1X06000GA-N1-R3 Datasheet HTML 40Page - Toshiba Semiconductor T1X06000GA-N1-R3 Datasheet HTML 41Page - Toshiba Semiconductor T1X06000GA-N1-R3 Datasheet HTML 42Page - Toshiba Semiconductor T1X06000GA-N1-R3 Datasheet HTML 43Page - Toshiba Semiconductor T1X06000GA-N1-R3 Datasheet HTML 44Page - Toshiba Semiconductor T1X06000GA-N1-R3 Datasheet HTML 45Page - Toshiba Semiconductor T1X06000GA-N1-R3 Datasheet HTML 46Page - Toshiba Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 42 / 118 page
background image
32
T1000 Series UPS 5.6-6kVA Installation and Operation Manual – 91074-005
12.5 Cold Start (On Batteries)
The following illustration shows power flow during Cold Start. When the UPS must be started, and utility
power is not available, the UPS can be Cold Started (the UPS’s batteries supply DC voltage to the UPS’s
main inverter circuit.) This circuit changes (inverts) the DC power into AC power. The AC power is available
at the output of the unit.
NOTE: The default frequency mode is set to auto-detect. In auto-detect mode the default output frequency
at turn-on and cold-start is 60 Hz.
This battery discharge process will continue until either:
• Utility power is restored and the UPS auto-transfers to online mode,
• The UPS’s battery voltage drops below the Battery Shutdown voltage (Vmin) and the UPS shuts
down power to the load and turns itself off. The nominal minimum voltage Vmin is given in Table
12-1.
NOTE: The Battery-shutdown Voltage is automatically adjusted by the UPS based on load
percentage in order to maximize battery life.
The battery backup time and discharge process is explained in Section 12.7 – 12.9.
12.6 Frequency Conversion Mode (CVCF)
The default Frequency mode is Auto-detect; the Output frequency will be the same as the Input frequency:
60 Hz in and 60 Hz out, or 50 Hz in and 50 Hz out. In Auto-detect the parameter
CVCF is set to DISABLED.
NOTE: Only
ENABLE parameter CVCF if the desired output frequency is different that the input frequency.
To set the UPS for frequency conversion:
1. Access the menu parameter Settings > Status Config & Ctl > EN CVCS and select ENABLED.
2. Access the menu parameter Settings > Status Config & Ctl > CVCF Frequency and select the
desired output frequency - either
50.0Hz or 60.0Hz.
NOTE: Ensure the load is disconnected before changing the CVCF parameter value.
3. Cycle power to the UPS to save the new parameter settings.
Cold Start in Frequency Conversion Mode
The output frequency will be the selected output frequency
CVCF Frequency.
FIGURE 12-5: POWER FLOW IN BATTERY BACKUP FOR ALL MODELS
Output
Power
Line Filter
*Static Switch
(Optional)
Auto-
Transformer
Input
Power
Input
Fuse
Power Flow
Bypass
* Switches are
solid state
devices.
MCCB
Output
Fuse
Batteries
+
–
Rectifier/
Chopper
Inverter
Negative Bus
MOV Over-
current
Protection



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com