Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

T1X06000GA-N1-R3 Datasheet(PDF) 71 Page - Toshiba Semiconductor

Part # T1X06000GA-N1-R3
Description  UNINTERRUPTIBLE POWER SYSTEM (UPS)
PDF  118 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOSHIBA [Toshiba Semiconductor]
Direct Link  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor

T1X06000GA-N1-R3 Datasheet(HTML) 71 Page - Toshiba Semiconductor

Back Button T1X06000GA-N1-R3 Datasheet HTML 67Page - Toshiba Semiconductor T1X06000GA-N1-R3 Datasheet HTML 68Page - Toshiba Semiconductor T1X06000GA-N1-R3 Datasheet HTML 69Page - Toshiba Semiconductor T1X06000GA-N1-R3 Datasheet HTML 70Page - Toshiba Semiconductor T1X06000GA-N1-R3 Datasheet HTML 71Page - Toshiba Semiconductor T1X06000GA-N1-R3 Datasheet HTML 72Page - Toshiba Semiconductor T1X06000GA-N1-R3 Datasheet HTML 73Page - Toshiba Semiconductor T1X06000GA-N1-R3 Datasheet HTML 74Page - Toshiba Semiconductor T1X06000GA-N1-R3 Datasheet HTML 75Page - Toshiba Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 71 / 118 page
background image
A-5
T1000 Series UPS 5.6-6kVA Installation and Operation Manual – 91074-005
T1000 6 KVA SPECIFICATIONS - POWER MODULE
Parameter
Value
Rackmount Hardware (Standard)
All Rackmount modules come standard with the 4-Post Mounting Kit,
P/N 92802.
Rail Kit (Optional)
Optional Rails Kits available with Rack-mount Models
Mounting Kits
(Each system configuration requires one of the following kits for
each module)
Tower - 3 Module Systems
P/N 93178: One per system
Tower - Caster Kit (Optional)
P/N 92508: One per module
Rackmount - 2-Post fixed
P/N 92801: One per module
Rackmount - 4-Post fixed
P/N 92802: One per module (Included)
Rackmount - 2-Post w/ slides
P/N 90399: One per module
Rackmount - 4-Post w/ slides
P/N 92800: One per module
OTHER
Warranty (yr.)
Three years on electronics, Two years full replacement on battery
(See Toshiba warranty policy for full details.)
Certifications
UL 1778, FCC Class A Part 15,
1.
Input/output figures rated for 240 volts unless otherwise stated. Output ratings given for 0.9PF are only valid when
the input voltage is greater than 204 volts; otherwise, ratings given for 0.70PF are applicable.
2.
Battery backup time may vary depending on the operating conditions and ambient temperature at the installation site.
3.
An initial charge time of 24 hrs. is necessary to obtain proper battery performance level before unit is placed in operation.
4.
If Vin is below the minimum Vin window, the UPS goes to Battery Mode. If the UPS is in Fault and Vin is below the minimum
Vin window, the UPS goes to Bypass Mode
T1000 6KVA EFFICIENCY AT % OF FULL LOAD 1
(1.0 PF @ 240 V)
No
Load
25%
50%
75%
100%
Efficiency (AC-AC)
(479 W) 78.5%
85.6%
87%
87%
Thermal Load (BTU/hr)
1634
1262
1550
2065
2753
1. Typical efficiency values. Individual results may vary.
T1000 BATTERY MODULE TYPICAL BACKUP TIME AT DIFFERENT LOADS
Estimated* Backup time in minutes at % full load @ 0.9 PF
# of T1B-6000xxx
10%
20%
30%
40%
50%
60%
70%
80%
90%
100%
1 Battery Module
>60
>60
42
28
20
16
12.5
10
8.5
5
2 Battery Modules
>60
>60
>60
>60
50
42
34
28
24
20
* Backup times are estimates only. Actual time will vary due to manufacturing variances, age of batteries, duty cycle, etc.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com