Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

T1X06000GA-N1-R3 Datasheet(PDF) 72 Page - Toshiba Semiconductor

Part # T1X06000GA-N1-R3
Description  UNINTERRUPTIBLE POWER SYSTEM (UPS)
PDF  118 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOSHIBA [Toshiba Semiconductor]
Direct Link  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor

T1X06000GA-N1-R3 Datasheet(HTML) 72 Page - Toshiba Semiconductor

Back Button T1X06000GA-N1-R3 Datasheet HTML 68Page - Toshiba Semiconductor T1X06000GA-N1-R3 Datasheet HTML 69Page - Toshiba Semiconductor T1X06000GA-N1-R3 Datasheet HTML 70Page - Toshiba Semiconductor T1X06000GA-N1-R3 Datasheet HTML 71Page - Toshiba Semiconductor T1X06000GA-N1-R3 Datasheet HTML 72Page - Toshiba Semiconductor T1X06000GA-N1-R3 Datasheet HTML 73Page - Toshiba Semiconductor T1X06000GA-N1-R3 Datasheet HTML 74Page - Toshiba Semiconductor T1X06000GA-N1-R3 Datasheet HTML 75Page - Toshiba Semiconductor T1X06000GA-N1-R3 Datasheet HTML 76Page - Toshiba Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 72 / 118 page
background image
A-6
T1000 Series UPS 5.6-6kVA Installation and Operation Manual – 91074-005
A.2 T1000 POWER MODULE - 5.2kVA
NOTE: Except for size, weight, and Part Number, the Rackmount and Tower specifications are the same.
T1000 5.2 KVA SPECIFICATIONS - POWER MODULE
Parameter
Value
GENERAL
Model No.
Tower with Line Cord
Rackmount with Line Cord:
T1P0A5200GXGL1
T1P0A5200GXGR3L1
Capacity Output
5.2 kVA
Topology
True Online, Double conversion, IGBT Power Factor Correction Input
INPUT
Voltage (V)
Single Phase - 208/240 Vin +10% to -15% (L to L)*
(Adjustable to +10/-10%, or +15/-20%; set on front panel)
(*NOTE: Down to Vin -30% @ 70% Load)
Current (Nominal) (A)
21.6 A @ 240 V (26 A @ 208 V)
Current (Max) @ 208 V (A)
27.7 A
Current (Max) @ 240 V (A)
21.6 A (26 A @ 85% of 240 V)
Current (Min.) No-Load @ 240 V (A)
8 A (Typical)
Current, Peak Inrush (A)
20 A Peak (Typical)
Current Limit (%)
125%
Current THD (%)
< 5%
Frequency (Hz) [and range]
45-65 Hz auto sensing ± 3 Hz
Input Power Factor (PF) @ full load
Greater than 0.97
Startup Delay (sec)
Default: 0 sec (Range: 0 – 800 sec in 1 sec increments)
Ground leakage (max.) (mA)
5 mA (UPS only)
Internal AC Input Breaker Rating
30 A, 240 V
Surge Protection (kA or Category)
MOV 250 Joules on Input
BYPASS
Voltage (V) (selectable)
Set by display panel : +10/-15% of nominal (default);
+10/-10% of nominal
+15/-20% of nominal
NOTE: The Display software cannot make floating point (decimal) calculations. There
may be differences between the nominal and calculated BYPOV and BYPUV.
Example: BYPOV set to 115%, at 208V that should be 239.2V. The decimal value .2
will be truncated (cut off) and the value 239V will be sent to the control board. This
will be read back to the display as 114% (114.9% truncates to 114%).
Bypass Overload @ 125% Load (min)
10 min.
Bypass Overload @ 1000% Load
1 cycle
Bypass Disable
Automatic (when Input and Output Voltage/Frequency are set to differ-
ent values)
Automatic Retransfer
(Max load % for Retransfer)
4 ms (1/4 cycle) at <105% Max Load
Max. Automatic Retransfer Attempts
2
Online Transfer Time – Inverter to By-
pass and Bypass to Inverter
Less than 4 ms



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com