Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

T1X06000GA-N1-R3 Datasheet(PDF) 63 Page - Toshiba Semiconductor

Part # T1X06000GA-N1-R3
Description  UNINTERRUPTIBLE POWER SYSTEM (UPS)
PDF  118 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOSHIBA [Toshiba Semiconductor]
Direct Link  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor

T1X06000GA-N1-R3 Datasheet(HTML) 63 Page - Toshiba Semiconductor

Back Button T1X06000GA-N1-R3 Datasheet HTML 59Page - Toshiba Semiconductor T1X06000GA-N1-R3 Datasheet HTML 60Page - Toshiba Semiconductor T1X06000GA-N1-R3 Datasheet HTML 61Page - Toshiba Semiconductor T1X06000GA-N1-R3 Datasheet HTML 62Page - Toshiba Semiconductor T1X06000GA-N1-R3 Datasheet HTML 63Page - Toshiba Semiconductor T1X06000GA-N1-R3 Datasheet HTML 64Page - Toshiba Semiconductor T1X06000GA-N1-R3 Datasheet HTML 65Page - Toshiba Semiconductor T1X06000GA-N1-R3 Datasheet HTML 66Page - Toshiba Semiconductor T1X06000GA-N1-R3 Datasheet HTML 67Page - Toshiba Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 63 / 118 page
background image
53
T1000 Series UPS 5.6-6kVA Installation and Operation Manual – 91074-005
16.6 System Status Messages
A UPS Status message is generated when the UPS changes its status (e.g. from inverter to bypass
mode). The table below shows the possible Status messages and their meaning.
TABLE 16-5: UPS SYSTEM STATUS MESSAGES
Display
Meaning
Action
BYP
Bypass mode – Power is supplied by UPS input.
No action needed.
CHRGERR
Charger Error – Charger overvoltage error.
Call Toshiba for service.
DLYST
Delay Start – UPS is counting down prior to
startup.
No action needed.
EE1ST
EEPROM is loaded with default values.
No action needed.
EE2RAERR EEPROM to RAM loading Error.
Call Toshiba for service.
EEUPERR
EEPROM updating Error.
Call Toshiba for service.
EPO
EPO circuit is active.
Reset EPO switch to start.
FIERRST
Frequency Input Error Start – Input frequency
could not be detected and UPS starts up with
default EEPROM setup.
Ensure correct input frequency is
selected in UPS settings.
FLT
A fault has occurred.
See Fault records.
FWUPERR
Firmware Update Error.
Call Toshiba for service.
INIT
Initialization – UPS is initializing.
No action needed.
INV
Inverter mode.
Inverter is running (it can be On-
Line, Battery Test, or Backup)
LANSD
UPS goes to Shutdown triggered from customer
supplied LAN SD circuit.
Deactivate LAN shutdown signal to
reset.
LB
Low Battery – The battery level has dropped low
(about 90% or less) during operation. Continued
operation in this mode will deplete battery and
cause output shut down.
Immediately shut down the load
equipment in an orderly fashion and
then press the STOP key.
PFAIL
Input power failure.
No action needed.
RMTSD
Remote shutdown occurred.
Disconnect LAN signal to reset.
RO2EEERR ROM to EE Loading Error.
Call Toshiba for service.
SYNC
Synchronous mode.
Input and output are synchronized.
TIMEDSD
UPS is counting down prior to shutdown.
Immediately shut down the load
equipment in an orderly fashion and
then press the STOP key.
WRN
A warning has occurred.
See Warning record.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com