Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

T1X06000GA-N1-R3 Datasheet(PDF) 26 Page - Toshiba Semiconductor

Part # T1X06000GA-N1-R3
Description  UNINTERRUPTIBLE POWER SYSTEM (UPS)
PDF  118 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOSHIBA [Toshiba Semiconductor]
Direct Link  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor

T1X06000GA-N1-R3 Datasheet(HTML) 26 Page - Toshiba Semiconductor

Back Button T1X06000GA-N1-R3 Datasheet HTML 22Page - Toshiba Semiconductor T1X06000GA-N1-R3 Datasheet HTML 23Page - Toshiba Semiconductor T1X06000GA-N1-R3 Datasheet HTML 24Page - Toshiba Semiconductor T1X06000GA-N1-R3 Datasheet HTML 25Page - Toshiba Semiconductor T1X06000GA-N1-R3 Datasheet HTML 26Page - Toshiba Semiconductor T1X06000GA-N1-R3 Datasheet HTML 27Page - Toshiba Semiconductor T1X06000GA-N1-R3 Datasheet HTML 28Page - Toshiba Semiconductor T1X06000GA-N1-R3 Datasheet HTML 29Page - Toshiba Semiconductor T1X06000GA-N1-R3 Datasheet HTML 30Page - Toshiba Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 26 / 118 page
background image
16
T1000 Series UPS 5.6-6kVA Installation and Operation Manual – 91074-005
7. Wiring the System
7.1 Layout - Power Module
TABLE 7-1: POWER MODULE BACK PANEL LAYOUT
No. Label
Function
1
INPUT MCCB1
208V/240VDC
Main On/Off circuit breaker.
2
REMOTEYE
Cover plate for RemotEye® circuit card slot.
3
REM. CONTACTS
Dry contacts DB9 connector.
4
OUTPUT L6-30R
208/240VAC 25A
Output receptacle for L6-30P cord (alternate output for 208/240 only)
5
EXT. BATTERY
External Battery Module Anderson receptacle.
6
INPUT L N G
Hardwire input terminals
Line, Neutral, and Ground. (TB1)
7
REM. STOP
Remote Stop Contacts. (TB4) (10 VDC)
8
EPO 240V
Remote Emergency Power Off (EPO) Contacts. (TB3) (240/208 VAC)
9
OUTPUT L N G
Hardwire output terminals
Line, Neutral, and Ground. (TB2)
FIGURE 7-2: 6KVA POWER MODULE -
HARDWIRED CONFIGURATION
(P/N T1P0A6000GXG, T1P0A6000GXGR3)
FIGURE 7-3: 6KVA & 5.2KVA POWER MOD-
ULE WITH LINECORD (-L1) OPTION
(P/N T1P0A6000GXGL1, T1P0A6000GXGR3L1)
(P/N T1P0A5200GXGR3L1)
3-Post Input Terminal Block, and one each
3-Post Output Terminal Block and NEMA L6-
30R outlet.
6kVA - Input Power Cord #10-3SO 6-50P
5.2kVA - Input Power Cord #10-3SO L6-30P
and two each NEMA L6-30R outlets.
FIGURE 7-1: POWER MODULE BACK PANEL LAYOUT
1
2
8
6
5
4
3
7
9
EPO 240V
REM. STOP
REMOTEYE
INPUT MCCB1
208V/240VAC 30A
USE COPPER 75°C MIN.
CONDUCTORS ONLY
SEE INSTRUCTION MANUAL FOR WIRING
TERMINATION AND TIGHTENING TORQUE
OUTPUT L6-30R
208/240VAC 25A
REM. STOP
EPO 240V
REM. STOP
EPO 240V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com