Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

T1X06000GA-N1-R3 Datasheet(PDF) 41 Page - Toshiba Semiconductor

Part # T1X06000GA-N1-R3
Description  UNINTERRUPTIBLE POWER SYSTEM (UPS)
PDF  118 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOSHIBA [Toshiba Semiconductor]
Direct Link  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor

T1X06000GA-N1-R3 Datasheet(HTML) 41 Page - Toshiba Semiconductor

Back Button T1X06000GA-N1-R3 Datasheet HTML 37Page - Toshiba Semiconductor T1X06000GA-N1-R3 Datasheet HTML 38Page - Toshiba Semiconductor T1X06000GA-N1-R3 Datasheet HTML 39Page - Toshiba Semiconductor T1X06000GA-N1-R3 Datasheet HTML 40Page - Toshiba Semiconductor T1X06000GA-N1-R3 Datasheet HTML 41Page - Toshiba Semiconductor T1X06000GA-N1-R3 Datasheet HTML 42Page - Toshiba Semiconductor T1X06000GA-N1-R3 Datasheet HTML 43Page - Toshiba Semiconductor T1X06000GA-N1-R3 Datasheet HTML 44Page - Toshiba Semiconductor T1X06000GA-N1-R3 Datasheet HTML 45Page - Toshiba Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 41 / 118 page
background image
31
T1000 Series UPS 5.6-6kVA Installation and Operation Manual – 91074-005
12.3 Battery Backup (On batteries)
The following illustration shows power flow during the battery backup mode. When commercial AC power
failures occur, the UPS’s batteries instantly begin supplying DC voltage to the UPS’s main inverter circuit.
This circuit changes (inverts) the DC power into AC power. The AC power is available at the output of the
unit.
This back-up process will continue until the UPS’s battery voltage drops below a specific minimum level.
When this occurs, the batteries will stop supplying power to the load. This minimum level is the rated
minimum voltage (Vmin). The rated battery voltage chart on page 33 shows (Vmin). The battery backup
time and discharge process is explained on page 33.
12.4 EPO (Emergency Power Off) Function
These units are equipped with terminals for receiving an emergency power-off (EPO) command via a
closed-contact switch at a remote location (see Terminal Block Details on Table 7-1, and terminal block
location in Section 7.1). This safety feature enables quick shut-down of the UPS’s AC input breaker, output
and battery circuits.
Usually the emergency power off switch is installed in a central location that is easily accessible to personnel
concerned with the operation of the UPS unit and the load equipment connected to it. The EPO function is
initiated by pressing the switch to the closed (shutdown) position.
The effect of using the EPO switch is the same whether the UPS unit is in AC input mode, battery backup
mode, or the circuit bypass mode. The following figure shows the UPS condition after application of the
EPO switch.
NOTE: EPO operation should be limited to no more than 4 operation per minute, or 24 operations per hour.
Exceeding this duty cycle will overheat the EPO components
FIGURE 12-4: POWER FLOW AFTER AN EPO COMMAND FOR ALL MODELS
Output
Power
Line Filter
Inverter
*Static Switch
(Optional)
Auto-
Transformer
Input
Power
Input
Fuse
Power Flow
Bypass
* Switches are
solid state
devices.
MCCB
Output
Fuse
Batteries
+
–
Rectifier/
Chopper
Negative Bus
MOV Over-
current
Protection
FIGURE 12-3: POWER FLOW IN BATTERY BACKUP FOR ALL MODELS
Output
Power
Line Filter
*Static Switch
(Optional)
Auto-
Transformer
Input
Power
Input
Fuse
Power Flow
Bypass
* Switches are
solid state
devices.
MCCB
Output
Fuse
Batteries
+
–
Rectifier/
Chopper
Inverter
Negative Bus
MOV Over-
current
Protection



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com