Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

T1X06000GA-N1-R3 Datasheet(PDF) 59 Page - Toshiba Semiconductor

Part # T1X06000GA-N1-R3
Description  UNINTERRUPTIBLE POWER SYSTEM (UPS)
PDF  118 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOSHIBA [Toshiba Semiconductor]
Direct Link  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor

T1X06000GA-N1-R3 Datasheet(HTML) 59 Page - Toshiba Semiconductor

Back Button T1X06000GA-N1-R3 Datasheet HTML 55Page - Toshiba Semiconductor T1X06000GA-N1-R3 Datasheet HTML 56Page - Toshiba Semiconductor T1X06000GA-N1-R3 Datasheet HTML 57Page - Toshiba Semiconductor T1X06000GA-N1-R3 Datasheet HTML 58Page - Toshiba Semiconductor T1X06000GA-N1-R3 Datasheet HTML 59Page - Toshiba Semiconductor T1X06000GA-N1-R3 Datasheet HTML 60Page - Toshiba Semiconductor T1X06000GA-N1-R3 Datasheet HTML 61Page - Toshiba Semiconductor T1X06000GA-N1-R3 Datasheet HTML 62Page - Toshiba Semiconductor T1X06000GA-N1-R3 Datasheet HTML 63Page - Toshiba Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 59 / 118 page
background image
49
T1000 Series UPS 5.6-6kVA Installation and Operation Manual – 91074-005
16.3 System Fault Messages
A Fault message is generated when either a fault condition occurs, or a warning condition occurs three
times within ten minutes. The table below shows the possible fault messages and what actions need be
taken.
If the input voltage is normal when the fault occurs then the UPS will switch immediately to the bypass mode
to continuously feed power to the load.
If the fault condition occurs while the input power is abnormal and the UPS is in Bypass mode, the UPS will
shut down the output to prevent load equipment damage.
When a Fault condition exists, the red LED on the UPS display panel will illuminate until the fault is cleared.
All faults except EXTBC1 and EXTBC2 are recorded. The fault status can cleared by cycling UPS power
(turn off until the display goes blank, then turn on) after the problem has been fixed.
TABLE 16-2: UPS FAULT MESSAGES
Display
Re-
corded
Meaning
Action
BYPOH
Y
Bypass Overheat – Overheating
condition occurred.
Check unit for blocked or in-operable fan. Lower
ambient temperature if it is greater than 104 °F (40
°C). Bypass operation will also cease if overheat
condition is not corrected within 1 hr. of inverter
shutdown. Try restarting. If condition repeats plan
for total shutdown and call for service.
BYPOL
Y
Bypass Overload – UPS is over-
loaded.
Shut down excess equipment to reduce load.
CHRGOV
Y
Charger Overvoltage – Charger
overvoltage condition occurred.
UPS is faulty. Check the UPS operation conditions
at time of fault. Not advisable to restart the UPS.
Call Toshiba for service.
CL
Y
Current Limit – Load on UPS out-
put exceeds unit specifications.
Reduce load on UPS output.
DCIB
Y
DC Bus Imbalance – DC voltage
imbalance occurred.
Possible causes of UPS fault are connection of
half-wave rectifier load. Check load and try restart-
ing. If condition persists,call Toshiba for service.
DCOC
Y
DC Bus Overcurrent – DC overcur-
rent condition occurred.
UPS is faulty. Check the UPS operation conditions
at time of fault. Not advisable to restart the UPS.
Call Toshiba for service.
DCOV
Y
DC Bus Overvoltage – DC over-
voltage condition occurred.
UPS is faulty, input wiring error, input overvoltage
or connection of a motor load. Try restarting. If con-
dition persists call Toshiba for service.
DCUVBS
Y
DC Bus Undervoltage during
Boostup Mode – DC Bus under-
voltage condition occurred.
UPS is faulty. Check the UPS operation conditions
at time of fault. Not advisable to restart the UPS.
Call Toshiba for service.
DCUVC
Y
DC Bus Undervoltage During
Charging Mode – DC Bus under-
voltage condition occurred.
UPS is faulty. Check the UPS operation conditions
at time of fault. Not advisable to restart the UPS.
Call Toshiba for service.
DVCOH
Y
Device Overheat – Overheating
condition occurred.
Reduce equipment load to 100% or less and try
restarting.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com