Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

T1X06000GA-N1-R3 Datasheet(PDF) 24 Page - Toshiba Semiconductor

Part # T1X06000GA-N1-R3
Description  UNINTERRUPTIBLE POWER SYSTEM (UPS)
PDF  118 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOSHIBA [Toshiba Semiconductor]
Direct Link  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor

T1X06000GA-N1-R3 Datasheet(HTML) 24 Page - Toshiba Semiconductor

Back Button T1X06000GA-N1-R3 Datasheet HTML 20Page - Toshiba Semiconductor T1X06000GA-N1-R3 Datasheet HTML 21Page - Toshiba Semiconductor T1X06000GA-N1-R3 Datasheet HTML 22Page - Toshiba Semiconductor T1X06000GA-N1-R3 Datasheet HTML 23Page - Toshiba Semiconductor T1X06000GA-N1-R3 Datasheet HTML 24Page - Toshiba Semiconductor T1X06000GA-N1-R3 Datasheet HTML 25Page - Toshiba Semiconductor T1X06000GA-N1-R3 Datasheet HTML 26Page - Toshiba Semiconductor T1X06000GA-N1-R3 Datasheet HTML 27Page - Toshiba Semiconductor T1X06000GA-N1-R3 Datasheet HTML 28Page - Toshiba Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 24 / 118 page
background image
14
T1000 Series UPS 5.6-6kVA Installation and Operation Manual – 91074-005
holes at the desired level. Clip 2 cage nuts spaced vertically 4 in. apart on each Post.
2. If more than one module is being installed for the T1000 system, install the next pair of cage nuts 3
Rack Units (5 1/4”) above the first set of cage nuts for the next module.
3. Repeat Steps 1-2 for each T1000 module to be installed. Continue until cage nuts for all the modules
in the system have been clipped on the 4-Post rack.
Prepare the Module(s)
4. Attach the front and rear bracket to the left and right sides of the T1000 module as shown in Fig. 6-9.
Use the mounting hardware from Kit 93863 to secure the brackets to the mounting holes indicated in
Fig. 6-8 and Table 6-1.
5. Secure the Front Brackets, P/N 68844, to the left and right front side of the module at Fig. 6-9 (1) using
four Phillips 8-32 x 1/4” screws.
6. Secure the Rear Brackets, P/N 92746, to the left and right rear side of the module at Fig. 6-9 (2) using
1 Phillips 8-32 x 1/4” screw each in the top and bottom slot, and use a Phillips 10-32 x 1/2” in the center
slot (Fig. 6-9 (3)).
Install the Module(s) in the 4-Post Rack
CAUTION: Battery Modules weight 150 lb. (68 kg). Use lifting aids and proper lifting techniques.
7. Follow the vertical arrangement of T1000 modules as discussed in Section 6.1. Mount the lowest mod-
ule in the 4-Post rack to the bottom pair of cage nuts on each Post using the 1/4”-20 x 5/8” hex bolts,
(P/N 33798).
8. Repeat Step 7 for the remaining modules, working from bottom to top. (Fig. 6-10)
9. Go to Section 7 for cabling instructions.
FIGURE. 6-9: FIXED MOUNTING BRACKETS - 4-POST RACK
Front Bracket
68844
Rear Bracket
92746
1
2
3
Side Slots - use two ea.
Phillips 8-32 x 1/4” screws
Center Slots - use one ea.
Phillips 10-32 x 1/2” screws
Four ea.
Phillips 8-32 x 1/4” screws



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com