Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

T1X06000GA-N1-R3 Datasheet(PDF) 62 Page - Toshiba Semiconductor

Part # T1X06000GA-N1-R3
Description  UNINTERRUPTIBLE POWER SYSTEM (UPS)
PDF  118 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOSHIBA [Toshiba Semiconductor]
Direct Link  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor

T1X06000GA-N1-R3 Datasheet(HTML) 62 Page - Toshiba Semiconductor

Back Button T1X06000GA-N1-R3 Datasheet HTML 58Page - Toshiba Semiconductor T1X06000GA-N1-R3 Datasheet HTML 59Page - Toshiba Semiconductor T1X06000GA-N1-R3 Datasheet HTML 60Page - Toshiba Semiconductor T1X06000GA-N1-R3 Datasheet HTML 61Page - Toshiba Semiconductor T1X06000GA-N1-R3 Datasheet HTML 62Page - Toshiba Semiconductor T1X06000GA-N1-R3 Datasheet HTML 63Page - Toshiba Semiconductor T1X06000GA-N1-R3 Datasheet HTML 64Page - Toshiba Semiconductor T1X06000GA-N1-R3 Datasheet HTML 65Page - Toshiba Semiconductor T1X06000GA-N1-R3 Datasheet HTML 66Page - Toshiba Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 62 / 118 page
background image
52
T1000 Series UPS 5.6-6kVA Installation and Operation Manual – 91074-005
Display
Re-
corded
Meaning
Action
FBYPER
N
Bypass Frequency Error – Input
frequency outside of UPS specifi-
cations.
UPS in Bypass Mode: UPS turns off bypass
power to the load until bypass frequency returns to
normal. Check bypass frequency.
FIER
N
Input Frequency Error – Input
frequency outside of 45 – 65 Hz
range.
UPS in Online Mode: UPS switches to BACKUP
mode until Input Frequency returns to normal.
LB
N
Low Battery – The battery level
has dropped low (about 90% or
less) during operation. Continued
operation in this mode will deplete
battery and cause output shut
down.
Immediately shut down the load equipment in an
orderly fashion and then press the STOP key.
OL110
N
Overload – UPS is overloaded
(110% and above) Unit will switch
to bypass operation or shut down
if no action is taken.
Shut down excess equipment to reduce load.
REYEERR
N
Communication Error between
RemotEye and UPS.
Ensure RemotEye is connected to UPS. Call
Toshiba for service.
RS232ERR
N
Communication Error at Service
Port.
Call Toshiba for service.
REYEUER
N
Communication Error at LAN.
Call Toshiba for service.
VDCUVBT
N
DC Bus Undervoltage During Bat-
tery Test.
Call Toshiba for service.
VIOV
N
Input Overvoltage – Input voltage
exceeds UPS specifications.
UPS in On-Line Mode: UPS switches to BACKUP
mode until Input Voltage returns to normal. Check
input power.
VIUV
N
Input Undervoltage – Input voltage
less than UPS specifications.
UPS in On-Line Mode: UPS switches to BACKUP
mode until Input Voltage returns to normal. Check
input power.
16.5 System Mode Messages
A UPS Mode message is generated when the UPS changes operating mode. The following tables list the
possible operating modes for the UPS.
TABLE 16-4: UPS WARNING MESSAGES
Display
Meaning
Backup
Backup – Power comes from other than input.
BattTest
Battery Test – Battery test in progress.
Bypass
Bypass – UPS is offline, power is being provided directly from UPS input.
On–Line
On-Line – Input converter and inverter are running (Double conversion mode).
Shutdown
Shutdown – No output, DC Bus is charged through Softstart Resistor.
Startup
Startup – UPS is starting up.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com