Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

T1X06000GA-N1-R3 Datasheet(PDF) 64 Page - Toshiba Semiconductor

Part # T1X06000GA-N1-R3
Description  UNINTERRUPTIBLE POWER SYSTEM (UPS)
PDF  118 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOSHIBA [Toshiba Semiconductor]
Direct Link  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor

T1X06000GA-N1-R3 Datasheet(HTML) 64 Page - Toshiba Semiconductor

Back Button T1X06000GA-N1-R3 Datasheet HTML 60Page - Toshiba Semiconductor T1X06000GA-N1-R3 Datasheet HTML 61Page - Toshiba Semiconductor T1X06000GA-N1-R3 Datasheet HTML 62Page - Toshiba Semiconductor T1X06000GA-N1-R3 Datasheet HTML 63Page - Toshiba Semiconductor T1X06000GA-N1-R3 Datasheet HTML 64Page - Toshiba Semiconductor T1X06000GA-N1-R3 Datasheet HTML 65Page - Toshiba Semiconductor T1X06000GA-N1-R3 Datasheet HTML 66Page - Toshiba Semiconductor T1X06000GA-N1-R3 Datasheet HTML 67Page - Toshiba Semiconductor T1X06000GA-N1-R3 Datasheet HTML 68Page - Toshiba Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 64 / 118 page
background image
54
T1000 Series UPS 5.6-6kVA Installation and Operation Manual – 91074-005
17. Preventive Maintenance/Parts Replacement
17.1 Preventive Maintenance
Toshiba T1000 is designed to provide years of trouble-free operation requiring a minimum amount of
preventive maintenance.
The best preventive measure that the UPS user can take is to keep the area around the unit, particularly the
air inlet vents, clean and free of moisture and dust accumulations. If the atmosphere of the installation site
is very dusty, use a vacuum cleaner to periodically remove dust accumulations around and from the unit.
CAUTION
Only a qualified Toshiba representative should be allowed to perform any
routine maintenance or service on this equipment other than those preventive
maintenance details which are described directly above this caution.
17.2 LCD Display Cleaning
The LCD display should be cleaned with a clean, damp cotton cloth to avoid scratching the coating.
17.3 Battery Replacement
The T1000 comes equipped with internal backup batteries packaged in three sets of 6 batteries per bat-
tery pack.
NOTICE
Ensure the T1000 battery packs are replaced with battery packs of the same part num-
ber. Failure to do so may cause unexpected loss of backup power.
17.4 Part Replacement
The following list shows recommended intervals for periodic replacement of certain UPS parts:
1. Electrolytic capacitor PC Board: Replace capacitor boards once every 5 years.
(The electrolytic aluminum capacitors are mounted on a PC Board)
2. Fuses: Replace once every 7 years.
3. Cooling fan: When operated in an ambient temperature of 86 °F (30 °C) to 104 °F (40°
C), replace every 3.5 years. When operated in an ambient temperature of less than 86 °F
(30 °C) , replace every 5 years.
NOTE: The cooling fans are not hot swappable. Remove all power from the UPS before
replacing the cooling fans.
(Open the UPS main circuit breaker and disconnect external battery interface cable.)
4. Batteries: In order to maintain system reliability, the UPS batteries should be replaced on a
regular schedule. To ensure reliable operation, all of the batteries should be replaced at the
same time. Use the following chart for replacement:



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com