Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

T1X06000GA-N1-R3 Datasheet(PDF) 33 Page - Toshiba Semiconductor

Part # T1X06000GA-N1-R3
Description  UNINTERRUPTIBLE POWER SYSTEM (UPS)
PDF  118 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOSHIBA [Toshiba Semiconductor]
Direct Link  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor

T1X06000GA-N1-R3 Datasheet(HTML) 33 Page - Toshiba Semiconductor

Back Button T1X06000GA-N1-R3 Datasheet HTML 29Page - Toshiba Semiconductor T1X06000GA-N1-R3 Datasheet HTML 30Page - Toshiba Semiconductor T1X06000GA-N1-R3 Datasheet HTML 31Page - Toshiba Semiconductor T1X06000GA-N1-R3 Datasheet HTML 32Page - Toshiba Semiconductor T1X06000GA-N1-R3 Datasheet HTML 33Page - Toshiba Semiconductor T1X06000GA-N1-R3 Datasheet HTML 34Page - Toshiba Semiconductor T1X06000GA-N1-R3 Datasheet HTML 35Page - Toshiba Semiconductor T1X06000GA-N1-R3 Datasheet HTML 36Page - Toshiba Semiconductor T1X06000GA-N1-R3 Datasheet HTML 37Page - Toshiba Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 33 / 118 page
background image
23
T1000 Series UPS 5.6-6kVA Installation and Operation Manual – 91074-005
9.2 Light Emitting Diodes (LED)
The following table describes the front panel LED behaviors and the associated meaning.
TABLE 9-2: FRONT PANEL LED INDICATORS
LED
Behavior
Significance/Meaning
ONLINE/
FAULT
Green - ON
UPS is in On-Line, Backup, or Battery Test mode.
Green - OFF
UPS in Bypass mode.
Green - ON
UPS Backup mode ON. (Battery Discharging)
Red - ON
One or more faults occurred. See Records: Faults for details.
Red - Flashing
Charger overvoltage occurred.
Red - OFF
No fault occurred.
WARNING
Amber - ON
Service Call needed,
Less than 6 mo. of Battery Life or
Battery Life End.
Amber - Flashing One or more Warnings occurred. See Records: Warnings for
details.
Amber - OFF
No Warning (Normal, UPS in operation).
AC INPUT
Green - ON
Input voltage is within specified range.
Green - Flashing Input voltage is over specified range.
Green - OFF
No input voltage or low input voltage.
NOTE: Online/Fault LEDs are dual diodes (Red and Green.) Amber is caused by Red and Green LED’s
turning on together.
9.3 LCD Display - Open the Main Menu
• The LCD Display can display up to four lines of 20 characters across.
• Each screen is either a Menu or Data display.
• The right-most column may display an up (↑) and/or down (↓) arrow, indicating more choices in the
indicated direction. Selection is made by moving the pointer (>) along the left side of the display, up and
down using the up/down push buttons (Fig 9-1 (2) (▲) & (3) (▼).
1. When the UPS initially starts, the STATUS screen will be displayed. Use the down push button (Fig.
9-1(3)) to move the pointer down until the pointer is next to MENU. Press the Select push button (Fig.
9-1(5)).
2. The **MENU** will open.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com