Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

T1X06000GA-N1-R3 Datasheet(PDF) 60 Page - Toshiba Semiconductor

Part # T1X06000GA-N1-R3
Description  UNINTERRUPTIBLE POWER SYSTEM (UPS)
PDF  118 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOSHIBA [Toshiba Semiconductor]
Direct Link  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor

T1X06000GA-N1-R3 Datasheet(HTML) 60 Page - Toshiba Semiconductor

Back Button T1X06000GA-N1-R3 Datasheet HTML 56Page - Toshiba Semiconductor T1X06000GA-N1-R3 Datasheet HTML 57Page - Toshiba Semiconductor T1X06000GA-N1-R3 Datasheet HTML 58Page - Toshiba Semiconductor T1X06000GA-N1-R3 Datasheet HTML 59Page - Toshiba Semiconductor T1X06000GA-N1-R3 Datasheet HTML 60Page - Toshiba Semiconductor T1X06000GA-N1-R3 Datasheet HTML 61Page - Toshiba Semiconductor T1X06000GA-N1-R3 Datasheet HTML 62Page - Toshiba Semiconductor T1X06000GA-N1-R3 Datasheet HTML 63Page - Toshiba Semiconductor T1X06000GA-N1-R3 Datasheet HTML 64Page - Toshiba Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 60 / 118 page
background image
50
T1000 Series UPS 5.6-6kVA Installation and Operation Manual – 91074-005
Display
Re-
corded
Meaning
Action
EXTBC1
N
1. BC1 Battery String 1, 2, or 3
Loose HCT Connection
2. BC1 Overvoltage Fault
3. BC1 Overcurrent Fault
• Call Toshiba for Service.
• Call Toshiba for Service
• Call Toshiba for Service
EXTBC2
N
1. BC2 Battery String 1, 2, or 3
Loose HCT Connection
2. BC2 Overvoltage Fault
3. BC2 Overcurrent Fault
• Call Toshiba for Service.
• Call Toshiba for Service
• Call Toshiba for Service
FSOPEN
Y
Fuse Open.
Replace fuse.
INVOLNR
Y
Inverter Overload (Not Reset-
table) – Output overload condition
occurred.
Reduce equipment load to 100% or less and
manually restart the UPS.
INVOLR
Y
Inverter Overload (Resettable) –
Output overload condition oc-
curred.
Reduce equipment load to 100% or less, the UPS
will retransfer.
OOC
Y
Output Overcurrent – UPS is over-
loaded.
Shut down excess equipment to reduce load.
VOOV
Y
Output Overvoltage – Output over-
voltage condition occurred.
UPS is possibly faulty. Check the UPS operation
conditions at time of fault. Not advisable to restart
the UPS. Call Toshiba for service.
VOUV
Y
Output Undervoltage – Output
undervoltage condition occurred.
UPS is possibly faulty. Check the UPS operation
conditions at time of fault. Not advisable to restart
the UPS. Call Toshiba for service.
16.4 System Warning Messages
Warning messages are generated when a noncritical abnormal operating condition occurs. The following
table shows possible messages and their meaning.
When a Warning condition exists, the amber LED on the UPS display panel will flash for the duration of
the Warning condition.
All warnings will clear after the appropriate action has been taken.
TABLE 16-3: UPS WARNING MESSAGES
Display
Re-
corded
Meaning
Action
AOH
Y
Ambient Overheat – The unit is
overheated.
Check to see if the ambient temperature is greater
than 104 °F (40 °C) If so, turn on air conditioning
and check the ventilation fan at the back of the
unit for operation or obstructions. Otherwise, shut
down the unit and call Toshiba for service.
ASYN
N
Asynchronous mode – Input and
output frequency are different.
Bypass is disabled.
No Action Needed.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com