Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

T1X06000GA-N1-R3 Datasheet(PDF) 77 Page - Toshiba Semiconductor

Part # T1X06000GA-N1-R3
Description  UNINTERRUPTIBLE POWER SYSTEM (UPS)
PDF  118 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOSHIBA [Toshiba Semiconductor]
Direct Link  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor

T1X06000GA-N1-R3 Datasheet(HTML) 77 Page - Toshiba Semiconductor

Back Button T1X06000GA-N1-R3 Datasheet HTML 73Page - Toshiba Semiconductor T1X06000GA-N1-R3 Datasheet HTML 74Page - Toshiba Semiconductor T1X06000GA-N1-R3 Datasheet HTML 75Page - Toshiba Semiconductor T1X06000GA-N1-R3 Datasheet HTML 76Page - Toshiba Semiconductor T1X06000GA-N1-R3 Datasheet HTML 77Page - Toshiba Semiconductor T1X06000GA-N1-R3 Datasheet HTML 78Page - Toshiba Semiconductor T1X06000GA-N1-R3 Datasheet HTML 79Page - Toshiba Semiconductor T1X06000GA-N1-R3 Datasheet HTML 80Page - Toshiba Semiconductor T1X06000GA-N1-R3 Datasheet HTML 81Page - Toshiba Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 77 / 118 page
background image
A-11
T1000 Series UPS 5.6-6kVA Installation and Operation Manual – 91074-005
A.3 T1000 BATTERY MODULE
Compatible with both the 5.2kVA and 6kVA Power Modules.
T1000 BATTERY MODULE SPECIFICATIONS
Parameter
Value
GENERAL
Model Number:
Rackmount
w/ P1 Receptacle Panel
w/ P2 Receptacle Panel
Tower
w/ P1 Receptacle Panel
w/ P2 Receptacle Panel
T1B06000005R3
T1B06000005R3P1 (4 x IEC C13 & 4 x IEC C19)
T1B06000005R3P2 (2 x NEMA L6-20R and 1 x NEMA L6-30R)
T1B06000005
T1B06000005P1 (4 x IEC C13 & 4 x IEC C19)
T1B06000005P2 (2 x NEMA L6-20R and 1 x NEMA L6-30R)
DC Output Voltage (V)
216 VDC
Discharge Current (Nominal) (A)
30 A
Discharge Current (Max.) (A)
40 A
BATTERY - INTERNAL
Internal Back-up Time at Full Load
(at 25 °C) (min.)
5 min.
Type / Rating (Ah)
YUASA REW45-12FR / 8 Ah or YUASA NPX-L35/250FR / 9 Ah
Number of Batteries
18 (6 batteries per tray, 3 trays per Battery Module)
Number of Strings
1
Max. Recharge (A)
1 A (Typical)
MECHANICAL
Cable Access
Rear
Line Cord (Input)
Dual Anderson receptacles
Output Receptacle Panels (Optional)
(Receptacle and Rating)
Optional Output Receptacle Panel:
91425: 4 ea. C-13 (250 V, 10 A) & 4 ea. C-19 (250 V, 15 A)
91427: 2 ea. L6-20R (250 V, 20 A) & 1 ea. L6-30R (250 V, 30 A)
Output Receptacle Panels (Optional)
(Receptacle Fusing)
91425: C-13 2 x (250 V, 10 A) & C-19 2 x (250 V, 15 A)
91427: L6-20R 1 x (250 V, 20 A) & L6-30R 1 x (250 V, 30 A)
Weight lb./(kg)
147 lb. (66.7 kg)
Dimensions - Rackmount WxDxH
in (mm)
w/o Side Supp. Tab: 16.73 in x 24.38 in x 5.22 in
(425 mm x 619 mm x 133 mm)
w/ Side Supp. Tab: 19.03 in x 24.38 in x 5.22 in
(483 mm x 619 mm x 133 mm)
Dimensions - Tower WxDxH in (mm)
Standard:
5.22 in x x 24.38 in x 16.73 in
(133 mm x 619 mm x 425 mm)
Caster Option: 5.22 in x 29.29 in x 17.48 in
(133 mm x 744 mm x 4445 mm)
Clearance - Rackmount (in/mm)
Front - 32 in, Rear - N/A in,
Top/Bottom - 0 in., Sides N/A
Clearance - Tower (in/mm)
Front - 32 in, Rear - 4 in,
Sides/Top - 0 in., Bottom N/A
Enclosure
Enclosure of unit made from sheet metal, meets NEMA 1 and UL
Type 1 Standard
Construction
Unit enclosure made from sheet metal meeting NEMA 1 and UL
Type 1 Standard



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com