Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

T1X06000GA-N1-R3 Datasheet(PDF) 12 Page - Toshiba Semiconductor

Part # T1X06000GA-N1-R3
Description  UNINTERRUPTIBLE POWER SYSTEM (UPS)
PDF  118 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOSHIBA [Toshiba Semiconductor]
Direct Link  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor

T1X06000GA-N1-R3 Datasheet(HTML) 12 Page - Toshiba Semiconductor

Back Button T1X06000GA-N1-R3 Datasheet HTML 8Page - Toshiba Semiconductor T1X06000GA-N1-R3 Datasheet HTML 9Page - Toshiba Semiconductor T1X06000GA-N1-R3 Datasheet HTML 10Page - Toshiba Semiconductor T1X06000GA-N1-R3 Datasheet HTML 11Page - Toshiba Semiconductor T1X06000GA-N1-R3 Datasheet HTML 12Page - Toshiba Semiconductor T1X06000GA-N1-R3 Datasheet HTML 13Page - Toshiba Semiconductor T1X06000GA-N1-R3 Datasheet HTML 14Page - Toshiba Semiconductor T1X06000GA-N1-R3 Datasheet HTML 15Page - Toshiba Semiconductor T1X06000GA-N1-R3 Datasheet HTML 16Page - Toshiba Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 118 page
background image
2
T1000 Series UPS 5.6-6kVA Installation and Operation Manual – 91074-005
1.2 Signal Words
The signal words listed below are used throughout this manual. When the words DANGER, WARNING,
CAUTION and NOTICE are used in this manual they will include important safety information that must be
carefully followed.
1.3 Regulatory Compliance Statement
FCC Class A Notice
This equipment has been tested and found to comply with the limits for a Class A digital device, pursuant
to Part 15 of the FCC Rules. These limits are designed to provide reasonable protection against harmful
interference when the equipment is operated in a commercial environment. This equipment generates,
uses, and can radiate radio frequency energy, and if it is not installed and used in accordance with the
instruction manual, it may cause harmful interference to radio communications. Operation of this equipment
in a residential area is likely to cause harmful interference, in which case the user will be required to correct
the interference at his own expense.
This device complies with Part 15 of the FCC Rules. Operation is subject to the following two conditions:
1. This device may not cause harmful interference.
2. This device must accept any interference received, including interference that may cause undesired
operation.
Notice: The FCC regulations provide that changes or modifications made to this device that are not
approved by Toshiba International Corporation may void the authority granted to the user by the FCC to
operate this equipment.
EMC Directive Class A Note
This UPS is commercial in design and not intended for use at anytime in a Residential Environment.
The word
DANGER in capital letters preceded by
the safety alert symbol indicates that an
imminently
hazardous situation exists, and if not avoided
will result in loss of life or serious injury to
personnel.
The word
WARNING in capital letters preceded by
the safety alert symbol indicates that a
potentially
hazardous situation exists, and if not avoided
may result in loss of life or serious injury to
personnel.
The word
CAUTION in capital letters preceded by
the safety alert symbol indicates that a
potentially
hazardous situation exists, and if not avoided may
result in minor or moderate injury.
The word
NOTICE in capital letters without the safety
alert symbol indicates a
potentially hazardous
situation exists, and if not avoided
may result in
equipment and property damage.
NOTICE
CAUTION
WARNING
DANGER



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com