Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

T1X06000GA-N1-R3 Datasheet(PDF) 20 Page - Toshiba Semiconductor

Part # T1X06000GA-N1-R3
Description  UNINTERRUPTIBLE POWER SYSTEM (UPS)
PDF  118 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOSHIBA [Toshiba Semiconductor]
Direct Link  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor

T1X06000GA-N1-R3 Datasheet(HTML) 20 Page - Toshiba Semiconductor

Back Button T1X06000GA-N1-R3 Datasheet HTML 16Page - Toshiba Semiconductor T1X06000GA-N1-R3 Datasheet HTML 17Page - Toshiba Semiconductor T1X06000GA-N1-R3 Datasheet HTML 18Page - Toshiba Semiconductor T1X06000GA-N1-R3 Datasheet HTML 19Page - Toshiba Semiconductor T1X06000GA-N1-R3 Datasheet HTML 20Page - Toshiba Semiconductor T1X06000GA-N1-R3 Datasheet HTML 21Page - Toshiba Semiconductor T1X06000GA-N1-R3 Datasheet HTML 22Page - Toshiba Semiconductor T1X06000GA-N1-R3 Datasheet HTML 23Page - Toshiba Semiconductor T1X06000GA-N1-R3 Datasheet HTML 24Page - Toshiba Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 20 / 118 page
background image
10
T1000 Series UPS 5.6-6kVA Installation and Operation Manual – 91074-005
6. Installation
6.1 Module Arrangement
The T1000 Series UPS consists of a Power (UPS) module, optional Battery module(s), and optional
Transformer module for output other than 240/208 V. These modules can be purchased in either a rack-
mount or tower configuration.
Module arrangement is determined by the length of the factory-supplied inter-module cables. The Mod-
ules should be arranged in the following order as viewed from the front: top-to-bottom for Rackmount
(Fig. 6-1, Fig. 6-2); left-to-right for Tower (Fig. 6-3, Fig. 6-4).
NOTE: If a Transformer module is used, then the battery module(s) may, or may not, have an output
panel.
FIGURE 6-1: RACKMOUNT 240V
OUT
SYSTEM WITH C-13/C-19 PANEL
OUTPUT 240VAC 10A
OUTPUT 240VAC 15A
10A
10A
15A
15A
CN12A
CN12B
CN12A
CN12B
POWER
MODULE
BATTERY
MODULE 2
BATTERY
MODULE 1
FIGURE 6-2: RACKMOUNT 120V
OUT SYS-
TEM WITH TRANSFORMER MODULE
CN12A
CN12B
CN12A
CN12B
POWER
MODULE
BATTERY
MODULE 2
BATTERY
MODULE 1
TRANS-
FORMER
MODULE
FIGURE 6-3: TOWER 240V
OUT
SYSTEM WITH C-13/C-19 PANEL
POWER
MODULE
BATTERY
MODULE 2
BATTERY
MODULE 1
FIGURE 6-4: TOWER 120V
OUT SYSTEM
WITH TRANSFORMER MODULE
POWER
MODULE
BATTERY
MODULE 2
BATTERY
MODULE 1
TRANS-
FORMER
MODULE



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com