Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

T1X06000GA-N1-R3 Datasheet(PDF) 53 Page - Toshiba Semiconductor

Part # T1X06000GA-N1-R3
Description  UNINTERRUPTIBLE POWER SYSTEM (UPS)
PDF  118 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOSHIBA [Toshiba Semiconductor]
Direct Link  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor

T1X06000GA-N1-R3 Datasheet(HTML) 53 Page - Toshiba Semiconductor

Back Button T1X06000GA-N1-R3 Datasheet HTML 49Page - Toshiba Semiconductor T1X06000GA-N1-R3 Datasheet HTML 50Page - Toshiba Semiconductor T1X06000GA-N1-R3 Datasheet HTML 51Page - Toshiba Semiconductor T1X06000GA-N1-R3 Datasheet HTML 52Page - Toshiba Semiconductor T1X06000GA-N1-R3 Datasheet HTML 53Page - Toshiba Semiconductor T1X06000GA-N1-R3 Datasheet HTML 54Page - Toshiba Semiconductor T1X06000GA-N1-R3 Datasheet HTML 55Page - Toshiba Semiconductor T1X06000GA-N1-R3 Datasheet HTML 56Page - Toshiba Semiconductor T1X06000GA-N1-R3 Datasheet HTML 57Page - Toshiba Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 53 / 118 page
background image
43
T1000 Series UPS 5.6-6kVA Installation and Operation Manual – 91074-005
15. Communication Interfaces
15.1 Remote Contacts
The remote contacts interface is provided as a set of solid state switching devices. The switches are available
through a DB9 male connector on the rear of the UPS. The following chart shows the pin assignment for
each signal.
MAXIMUM CURRENT CARRYING CAPACITY
OF THE SWITCH
DB9 MALE CONNECTOR OUTLINE
(FACING CONNECTOR)
Voltage
Current
48 Vdc peak
70 mA peak
30 Vac rms
(42 Vac peak)
50 mA rms
(70 mA peak)
Pin
Signal Function
Logic
NO - Normally Open
NC - Normally Closed
In the UPS
1
Fault Signal
NO - Closed when fault detected
2
UPS stop common
Backup stop when the level
changes from Low (-3 to -15 V) to
High (+3 to +15 V)
3
UPS stop (LAN Shutdown)
signal input
4
Normal input power supply
NO - Closed with normal Input
Voltage
5
Signal common
Common signal return
6
Bypass operation
NO - Closed during bypass
operation
7
Low Battery
NO - Closed at voltage drop
8
UPS operation
NO - Closed during inverter
operation
9
Backup signal
NO - Closed at power failure
NOTE: Pin switches are shown in their inactive states. For example, if battery voltage is low, pin 7 will be connected to pin 5.
FIGURE 15-1: REMOTE CONTACTS PINOUTS
16
11
17
13
15
14
18
20
19
PCB1 CN2
9
8
7
6
1
5
4
2
3
DB9



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com