Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

T1X06000GA-N1-R3 Datasheet(PDF) 68 Page - Toshiba Semiconductor

Part # T1X06000GA-N1-R3
Description  UNINTERRUPTIBLE POWER SYSTEM (UPS)
PDF  118 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOSHIBA [Toshiba Semiconductor]
Direct Link  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor

T1X06000GA-N1-R3 Datasheet(HTML) 68 Page - Toshiba Semiconductor

Back Button T1X06000GA-N1-R3 Datasheet HTML 64Page - Toshiba Semiconductor T1X06000GA-N1-R3 Datasheet HTML 65Page - Toshiba Semiconductor T1X06000GA-N1-R3 Datasheet HTML 66Page - Toshiba Semiconductor T1X06000GA-N1-R3 Datasheet HTML 67Page - Toshiba Semiconductor T1X06000GA-N1-R3 Datasheet HTML 68Page - Toshiba Semiconductor T1X06000GA-N1-R3 Datasheet HTML 69Page - Toshiba Semiconductor T1X06000GA-N1-R3 Datasheet HTML 70Page - Toshiba Semiconductor T1X06000GA-N1-R3 Datasheet HTML 71Page - Toshiba Semiconductor T1X06000GA-N1-R3 Datasheet HTML 72Page - Toshiba Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 68 / 118 page
background image
A-2
T1000 Series UPS 5.6-6kVA Installation and Operation Manual – 91074-005
T1000 6 KVA SPECIFICATIONS - POWER MODULE
Parameter
Value
Max. Automatic Retransfer Attempts
2
Online Transfer Time – Inverter to By-
pass and Bypass to Inverter
Less than 4 ms
OUTPUT
Voltage (V)
200 / 208 / 220 / 230 / 240 V (L-L) and
Option with transformer for 120 V (L-N)
Voltage Regulation - Online Mode (%)
± 3%
Voltage Regulation - Battery Mode (%)
±3% Vrms for entire battery voltage range and 0 to 100% load
Wave Form
Sine wave, zero transfer time
Voltage Total Harmonic Distortion
(Linear Full Load) (%)
Less than 3 % THD
Voltage Total Harmonic Distortion
(Non-Linear Full Load) (%)
Less than 5 % THD
Output Voltage Adjustment (V)
±10 V in 1 V increments
Voltage Transient Response (%)
@ 0%-100% Step Load Change
± 8 % max.
Voltage Transient Response (%)
@ 100%-0%-100% Load Change
± 8 % max.
Voltage Transient Recovery with R
Load
(Recovery to 1% in x ms)
To +/- 1% of nominal voltage within 30 ms
Common-mode Noise (dB)
less than 0.5 Vrms
Current (A)
25 A (Current limited to 25 A regardless of selected output voltage)
Max Overload Current (continuous) (A)
25 A
Crest Factor
3.0 at full load
Leakage Current to Ground (mA)
5 mA
Inrush Current Protection
via Soft Start (Charge) Circuit
Frequency (Hz)
50 / 60 Hz auto sensing
Frequency Selectable (Converter)
Yes - 50/60 Hz
Frequency Regulation (%)
Free Running Mode
± 0.25 Hz
Frequency Sync Range (Hz)
± 3 Hz selectable in 0.1 Hz increments (± 1 Hz default)
Slew Rate (Hz/sec)
± 3 Hz/sec selectable in 0.1 Hz/sec increments (± 1 Hz/sec default)
Output Power Factor (PF)
0.9 at rated voltage and current
(1.0 allowed if output current ≤ 25 A and output is power is ≤ 5400 W)
(Min. 0.4 PF Lagging)
Inverter Overload Capacity (% for sec)
125% for 1 min., 150% for 10 sec.
Efficiency AC-DC-AC (240V) (%)
87% (Typical)
Efficiency AC-DC-AC (120V w/
Transformer Module (%)
84% (Typical)
Unloaded Power Consumption
479 W



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com