Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

T1X06000GA-N1-R3 Datasheet(PDF) 27 Page - Toshiba Semiconductor

Part # T1X06000GA-N1-R3
Description  UNINTERRUPTIBLE POWER SYSTEM (UPS)
PDF  118 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOSHIBA [Toshiba Semiconductor]
Direct Link  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor

T1X06000GA-N1-R3 Datasheet(HTML) 27 Page - Toshiba Semiconductor

Back Button T1X06000GA-N1-R3 Datasheet HTML 23Page - Toshiba Semiconductor T1X06000GA-N1-R3 Datasheet HTML 24Page - Toshiba Semiconductor T1X06000GA-N1-R3 Datasheet HTML 25Page - Toshiba Semiconductor T1X06000GA-N1-R3 Datasheet HTML 26Page - Toshiba Semiconductor T1X06000GA-N1-R3 Datasheet HTML 27Page - Toshiba Semiconductor T1X06000GA-N1-R3 Datasheet HTML 28Page - Toshiba Semiconductor T1X06000GA-N1-R3 Datasheet HTML 29Page - Toshiba Semiconductor T1X06000GA-N1-R3 Datasheet HTML 30Page - Toshiba Semiconductor T1X06000GA-N1-R3 Datasheet HTML 31Page - Toshiba Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 27 / 118 page
background image
17
T1000 Series UPS 5.6-6kVA Installation and Operation Manual – 91074-005
7.2 Layout - Battery Module (w/ Outlet Panel)
Compatible with both the 5.2kVA and 6kVA Power Modules.
TABLE 7-2: BATTERY MODULE - BACK PANEL LAYOUT
No. Label
Function
1
BATTERY FUSES
Battery Fuses, 4 ea. (500V, 30A)
2
CN12A
Battery cable Anderson Receptacle (w/ Int. Thermistor) - Connect to Power
Module “Ext. Battery”.
3
CN12B
Battery cable Anderson Receptacle - Connect to second Battery
Module CN12A or CN12B
P1 OPTIONAL OUTLET PANEL 91425: C-13 & C-19
4
OUTPUT 240VAC 15A Outlet Receptacles: 4 ea. IEC C-19, (250V, 20A N. Aamerica., 15A INT.).
5
OUTPUT 240VAC 10A Outlet Receptacles: 4 ea. IEC C-13, (250V, 10A N.Aamerica., 10A INT.).
6
OUTLET FUSES 15A
Outlet Fuses for IEC C-19 receptacles. (250V, 15A)
7
OUTLET FUSES 10A
Outlet Fuses for IEC C-13 receptacles. (500V, 10A)
8
AC OUT FROM UPS
Anderson receptacle for UPS output cable.
P2 OPTIONAL OUTLET PANEL 91427: NEMA L6-20R & L6-30R
8
AC OUT FROM UPS
Anderson receptacle for UPS output cable.
9
OUTPUT 240VAC 20A Outlet Receptacles: 2 ea. NEMA L6-20R, (250V, 20A).
10 OUTPUT 240VAC 30A Outlet Receptacle: 1 ea. NEMA L6-30R, (250V, 30A).
11
OUTLET FUSE 20A
Outlet Fuse for NEMA L6-20R receptacle (250V, 20A).
12 OUTLET FUSE 20A
Outlet Fuse for NEMA L6-20R receptacles (250V, 20A).
13 OUTLET FUSE 30A
Outlet Fuses for NEMA L6-30R receptacle (500/600V, 30A).
14 OUTLET FUSE 30A
Outlet Fuses for NEMA L6-30R receptacles (500/600V, 30A).
CN12A
CN12B
FIGURE 7-4: BATTERY MODULE
OUTPUT PANEL P2 - LAYOUT
13131 WEST LITTLE YORK ROAD, HOUSTON, TX, 77041 U.S.A.
THIS MATERIAL IS THE EXCLUSIVE PROPERTY OF
TOSHIBA INTERNATIONAL CORPORATION AND SHALL NOT
BE REPRODUCED, USED OR DISCLOSED TO OTHERS
UNLESS PRIOR WRITTEN AUTHORIZATION IS OBTAINED.
TITLE:
SCALE
ORDER NO.
DRAWING NO.
SH.
OF
DRAWN BY:
CHECKED BY:
APPROVED BY:
DATE
DATE
DATE
TOLERANCE:
.XX TO .03
.XXX TO .015
.XXXX TO .005
10.875
4.875
4.875
10.875
4.875
10.875
4.875
10.875
6KVA-OP-PANEL_OPTS
1
1
OUTPUT PANEL OPTIONS
T1000 6KvA UPS
0.500
JEE
Feb-11-14
REV:
0
C-13, (250V 15A) & C-19, (250V 20A)
NEMA 5-20R, (125V 20A) (XFMR MODULE)
NEMA L6-20R, (250V 20A) L6-30R, (250V 30A)
BLANK PANEL
90511
ASSY: 91427; PANEL: 90502
ASSY: 91425; PANEL: 90500
ASSY: 91426; PANEL: 90501
8
9
14
13
10
20A 30A
12
11
13131 WEST LITTLE YORK ROAD, HOUSTON, TX, 77041 U.S.A.
THIS MATERIAL IS THE EXCLUSIVE PROPERTY OF
TOSHIBA INTERNATIONAL CORPORATION AND SHALL NOT
BE REPRODUCED, USED OR DISCLOSED TO OTHERS
UNLESS PRIOR WRITTEN AUTHORIZATION IS OBTAINED.
TITLE:
SCALE
ORDER NO.
DRAWING NO.
SH.
OF
DRAWN BY:
CHECKED BY:
APPROVED BY:
DATE
DATE
DATE
TOLERANCE:
.XX TO .03
.XXX TO .015
.XXXX TO .005
6KVA_RACKMOUNT_BATTERY_MOD_001
3
4
T1000 6KvV RACKMOUNT
BATTERY MODULE
0.500
JEE
Mar-21-14
REV:
0
REAR VIEW
O/P PANEL C-13 & C19
905000
FIGURE 7-4: BATTERY MODULE WITH P1 OUTLET PANEL - LAYOUT
1
4
6
5
3
2
7
8
15A
15A
10A
10A
OUTPUT 240VAC 10A
OUTPUT 240VAC 15A



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com