Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

T1X06000GA-N1-R3 Datasheet(PDF) 30 Page - Toshiba Semiconductor

Part # T1X06000GA-N1-R3
Description  UNINTERRUPTIBLE POWER SYSTEM (UPS)
PDF  118 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOSHIBA [Toshiba Semiconductor]
Direct Link  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor

T1X06000GA-N1-R3 Datasheet(HTML) 30 Page - Toshiba Semiconductor

Back Button T1X06000GA-N1-R3 Datasheet HTML 26Page - Toshiba Semiconductor T1X06000GA-N1-R3 Datasheet HTML 27Page - Toshiba Semiconductor T1X06000GA-N1-R3 Datasheet HTML 28Page - Toshiba Semiconductor T1X06000GA-N1-R3 Datasheet HTML 29Page - Toshiba Semiconductor T1X06000GA-N1-R3 Datasheet HTML 30Page - Toshiba Semiconductor T1X06000GA-N1-R3 Datasheet HTML 31Page - Toshiba Semiconductor T1X06000GA-N1-R3 Datasheet HTML 32Page - Toshiba Semiconductor T1X06000GA-N1-R3 Datasheet HTML 33Page - Toshiba Semiconductor T1X06000GA-N1-R3 Datasheet HTML 34Page - Toshiba Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 30 / 118 page
background image
20
T1000 Series UPS 5.6-6kVA Installation and Operation Manual – 91074-005
TABLE 7-6: 240V SYSTEM CABLING SPECIFICATIONS
No. Item
Function
1
92855 DC Connector Cable: Batt
Module 1 to Pwr Module
Factory Supplied - Connects Power Module EXT BATT to Batt Module
BC1 CN12A to using keyed Anderson Connectors.
2
92855 DC Connector Cable: Batt
Module 1 to Batt Module 2
Factory Supplied - Connects Batt Module BC1 CN12B to either Batt
Module BC2 CN12A or Batt Module BC2 CN12B using keyed Ander-
son Connectors.
3
92858 AC Connector Cable: Power
Module L6-30R Output to Batt Mod-
ule Output Panel P1/P2
Both Factory Supplied - L6-30P twistlock to Xfmr Module keyed An-
derson Connector.
4
Output L6-30R Receptacle Panel
User Selectable - Can be either a L6-30 Receptacle or a 3-Post, 3
wire terminal 240V output.
5
Output L6-30R Receptacle
Accommodates L6-30P twistlock cord (alternate output for 208/240
only).
6
TB1 240V Hardwire Input
User Supplied (two wire plus ground)
FIGURE 7-6: FACTORY SUPPLIED CABLING GUIDE - W/ BC OUTPUT PANEL
1
2
4
OUTPUT 240VAC 10A
OUTPUT 240VAC 15A
10A
10A
15A
15A
CN12A
CN12B
CN12A
CN12B
5
3
REMOTEYE
INPUT MCCB1
REM. STOP
EPO 240V
6



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com