Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

T1X06000GA-N1-R3 Datasheet(PDF) 74 Page - Toshiba Semiconductor

Part # T1X06000GA-N1-R3
Description  UNINTERRUPTIBLE POWER SYSTEM (UPS)
PDF  118 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOSHIBA [Toshiba Semiconductor]
Direct Link  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor

T1X06000GA-N1-R3 Datasheet(HTML) 74 Page - Toshiba Semiconductor

Back Button T1X06000GA-N1-R3 Datasheet HTML 70Page - Toshiba Semiconductor T1X06000GA-N1-R3 Datasheet HTML 71Page - Toshiba Semiconductor T1X06000GA-N1-R3 Datasheet HTML 72Page - Toshiba Semiconductor T1X06000GA-N1-R3 Datasheet HTML 73Page - Toshiba Semiconductor T1X06000GA-N1-R3 Datasheet HTML 74Page - Toshiba Semiconductor T1X06000GA-N1-R3 Datasheet HTML 75Page - Toshiba Semiconductor T1X06000GA-N1-R3 Datasheet HTML 76Page - Toshiba Semiconductor T1X06000GA-N1-R3 Datasheet HTML 77Page - Toshiba Semiconductor T1X06000GA-N1-R3 Datasheet HTML 78Page - Toshiba Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 74 / 118 page
background image
A-8
T1000 Series UPS 5.6-6kVA Installation and Operation Manual – 91074-005
T1000 5.2 KVA SPECIFICATIONS - POWER MODULE
Parameter
Value
Battery General, External
Acceptable Mfgr.
Yuasa Taiwan only
Type
~9 AH/12 V Valve Regulated Lead Acid, Flame Retardant
Access to batteries requires use of only Phillips head screwdriver
Voltage - Nominal (Vdc)
216 Vdc
Voltage - Minimum (Vdc)
170 Vdc
Voltage -Float (Vdc)
245 Vdc
Max Recharge Current - (Adc)
1.3 A
Recharge Time (Max.)
4 hours to 90%
24 hours to 100%
Maintains proper float voltage per battery specification over a tem-
perature range of 10 to 40 degree C (2.3 V/cell at 25 degree C with a
temperature coefficient of minus 5 millivolts per degree C)
Max Discharge Current - (Adc)
34.6 Adc (Typical)
Battery Level @ Shutdown
1.67 VPC, ± 3% of battery voltage at FL with level automatically raised
for lighter loads
Ripple Current (Max.) (% of Full Load
Current)
15%
Battery Leakage to Ground (mA)
100 mA maximum
Battery Capacity Required at Full Load
(W Battery)
5637 WB at nominal Bus Voltage
(5916 WB at shutdown)
Battery Test (Interval per hr)
Automatic and Manual
Battery Low Alarm
~90% of full 216 V Battery Charge
Battery Protection
Fuse
Overvoltage Protection
2.50 VPC, ± 3% of battery voltage
Protection against Batteries Deep
Discharge
Adjustable SDN (Shutdown) level
Backup Time @ Full Load (Typical)
1 Battery Module - 5 min. 2 battery Modules - 10 min.
(Typical: 1 Battery Module - 8 min. 2 battery Modules - 16 min.)
Efficiency DC-AC (%)
85% (Typical)
BATTERY - INTERNAL
Internal Back-up Time at Full Load
(at 25 °C) (min)
5 min.
Type / Rating (Ah)
12 Vdc, ~9 Ahr
Number of Batteries
6 Batteries per tray, 3 trays per Battery Module
Replaceable Batteries
Yes
ENVIRONMENT
Cooling
Forced Air
Operating Temperature (°F/°C)
0 - 40°C (32 - 104°F)
Storage Temperature (°F/°C)
-20 - 40°C (-4 - 104°F)
Operating Humidity (%)
30-90% (Non-Condensing)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com