Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

T1X06000GA-N1-R3 Datasheet(PDF) 75 Page - Toshiba Semiconductor

Part # T1X06000GA-N1-R3
Description  UNINTERRUPTIBLE POWER SYSTEM (UPS)
PDF  118 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOSHIBA [Toshiba Semiconductor]
Direct Link  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor

T1X06000GA-N1-R3 Datasheet(HTML) 75 Page - Toshiba Semiconductor

Back Button T1X06000GA-N1-R3 Datasheet HTML 71Page - Toshiba Semiconductor T1X06000GA-N1-R3 Datasheet HTML 72Page - Toshiba Semiconductor T1X06000GA-N1-R3 Datasheet HTML 73Page - Toshiba Semiconductor T1X06000GA-N1-R3 Datasheet HTML 74Page - Toshiba Semiconductor T1X06000GA-N1-R3 Datasheet HTML 75Page - Toshiba Semiconductor T1X06000GA-N1-R3 Datasheet HTML 76Page - Toshiba Semiconductor T1X06000GA-N1-R3 Datasheet HTML 77Page - Toshiba Semiconductor T1X06000GA-N1-R3 Datasheet HTML 78Page - Toshiba Semiconductor T1X06000GA-N1-R3 Datasheet HTML 79Page - Toshiba Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 75 / 118 page
background image
A-9
T1000 Series UPS 5.6-6kVA Installation and Operation Manual – 91074-005
T1000 5.2 KVA SPECIFICATIONS - POWER MODULE
Parameter
Value
Altitude (ft./m)
3280 ft. (1000 m) above sea level
Derate output 5% for each additional 3280 ft. (1000 m) elevation.
Acoustical Noise (dBA)
50 dB(A) maximum at 1 meter from Front Panel (Typical)
Location
Indoors, away from excessive heat, dust, and moisture.
Heat Rejection (BTU/Hour) @ 240 V
2753 BTU/Hr. (typical)
MECHANICAL
Cable Access
Rear
Line Cord (Input)
Factory-installed 3-conductor #10 AWG SO cord with L6-30P plug
Receptacles
Standard: Terminal Block with J-Box and one (1) L6-30R receptacle
Option: Mount two (2) L6-30R receptacles
Weight lb./(kg)
63 lb. (28.6 kg)
Dimensions - Rackmount WxDxH
in (mm)
w/o Side Supp. Tab: 16.73 in x 24.38 in x 5.22 in
(425 mm x 619 mm x 133 mm)
w/ Side Supp. Tab: 19.03 in x 24.38 in x 5.22 in
(483 mm x 619 mm x 133 mm)
Dimensions - Tower WxDxH in (mm)
Standard:
5.22 in x x 24.38 in x 16.73 in
(133 mm x 619 mm x 425 mm)
Caster Option: 5.22 in x 29.29 in x 17.48 in
(133 mm x 744 mm x 4445 mm)
Clearance - Rackmount (in/mm)
Front - 32 in., Rear - N/A in.,
Top/Bottom - N/A in., Sides N/A
Clearance - Tower (in/mm)
Front - 32 in., Rear - 4 in.,
Sides/Top - 4 in., Bottom N/A
Enclosure
Unit enclosure made from sheet metal meeting NEMA 1 and
UL Type 1 Standard
Color
O’Brien Black
Emergency Power Off (EPO)
Back Panel (Remote Only)
Control Panel
T1000 Series Panel
MONITORING
Operator Interface (Front Panel)
T1000 Series Panel
Dry Contacts Included
Accessible via DB9 receptacle on back of Power Module
USB
via mini-USB adapter
Optional - Intelligent Monitoring
RemotEye® Option card Slot (Network and RS-485)
ADDITIONAL FEATURES
Receptacles
Standard: Terminal Block with J-Box and one (1) L6-30R receptacle
Option: Mount two (2) L6-30R receptacles
External Connectors
EPO, USB, Remote Stop
Rackmount Hardware (Standard)
All Rackmount modules come standard with the 4-Post Mounting Kit,
P/N 92802.
Rail Kit (Optional)
Optional Rails Kits available with Rack-mount Models
Mounting Kits
(Each system configuration requires one of the following kits for
each module)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com