Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

MCP37D31-80E/TE Datasheet(PDF) 112 Page - Microchip Technology

Part # MCP37D31-80E/TE
Description  80 Msps, 16/14-Bit High-Pr ecision Pipelined ADC
PDF  141 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

MCP37D31-80E/TE Datasheet(HTML) 112 Page - Microchip Technology

Back Button MCP37D31-80E/TE Datasheet HTML 108Page - Microchip Technology MCP37D31-80E/TE Datasheet HTML 109Page - Microchip Technology MCP37D31-80E/TE Datasheet HTML 110Page - Microchip Technology MCP37D31-80E/TE Datasheet HTML 111Page - Microchip Technology MCP37D31-80E/TE Datasheet HTML 112Page - Microchip Technology MCP37D31-80E/TE Datasheet HTML 113Page - Microchip Technology MCP37D31-80E/TE Datasheet HTML 114Page - Microchip Technology MCP37D31-80E/TE Datasheet HTML 115Page - Microchip Technology MCP37D31-80E/TE Datasheet HTML 116Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 112 / 141 page
background image
 2020 Microchip Technology Inc.
DS20006382A-page 112
MCP37D31-80 AND MCP37D21-80
REGISTER 5-59:
ADDRESS 0X93 – CH6 NCO PHASE OFFSET IN CW OR DDC MODE (UPPER BYTE)
R/W-0
R/W-0
R/W-0
R/W-0
R/W-0
R/W-0
R/W-0
R/W-0
CH6_NCO_PHASE<15:8>
bit 7
bit 0
Legend:
R = Readable bit
W = Writable bit
U = Unimplemented bit, read as ‘0’
-n = Value at POR
‘1’ = Bit is set
‘0’ = Bit is cleared
x = Bit is unknown
bit 7-0
CH6_NCO_PHASE <15:8>: Upper byte of CH6_NCO_PHASE<15:0>(1)
1111-1111 = 359.995° when CH6_NCO_PHASE<15:0> = 0xFFFF
• • •
0000-0000 = 0° when CH6_NCO_PHASE<15:0> = 0x0000 (Default)
Note
1:
See Note 1 - Note 3 in Register 5-46. CH6 is the 7th channel selected by CH_ORDER<23:0> bits.
REGISTER 5-60:
ADDRESS 0X94 – CH7 NCO PHASE OFFSET IN CW OR DDC MODE (LOWER BYTE)
R/W-0
R/W-0
R/W-0
R/W-0
R/W-0
R/W-0
R/W-0
R/W-0
CH7_NCO_PHASE<7:0>
bit 7
bit 0
Legend:
R = Readable bit
W = Writable bit
U = Unimplemented bit, read as ‘0’
-n = Value at POR
‘1’ = Bit is set
‘0’ = Bit is cleared
x = Bit is unknown
bit 7-0
CH7_NCO_PHASE<7:0>: Lower byte of CH7_NCO_PHASE<15:0>(1)
1111-1111 = 1.4° when CH7_NCO_PHASE<15:0> = 0x00FF
• • •
0000-0000 = 0° when CH7_NCO_PHASE<15:0> = 0x0000 (Default)
Note
1:
See Note 1 - Note 3 in Register 5-46. CH7 is the 8th channel selected by CH_ORDER<23:0> bits.
REGISTER 5-61:
ADDRESS 0X95 – CH7 NCO PHASE OFFSET IN CW OR DDC MODE (UPPER BYTE)
R/W-0
R/W-0
R/W-0
R/W-0
R/W-0
R/W-0
R/W-0
R/W-0
CH7_NCO_PHASE<15:8>
bit 7
bit 0
Legend:
R = Readable bit
W = Writable bit
U = Unimplemented bit, read as ‘0’
-n = Value at POR
‘1’ = Bit is set
‘0’ = Bit is cleared
x = Bit is unknown
bit 7-0
CH7_NCO_PHASE <15:8>: Upper byte of CH7_NCO_PHASE<15:0>(1)
1111-1111 = 359.995° when CH7_NCO_PHASE<15:0> = 0xFFFF
• • •
0000-0000 = 0° when CH7_NCO_PHASE<15:0> = 0x0000 (Default)
Note 1:
See Note 1 - Note 3 in Register 5-46. CH7 is the 8th channel selected by CH_ORDER<23:0> bits.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com