Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

LSM6DSO16IS Datasheet(PDF) 48 Page - STMicroelectronics

Part # LSM6DSO16IS
Description  iNEMO inertial module: always-on 3-axis accelerometer and 3-axis gyroscope with ISPU - intelligent sensor processing unit
PDF  107 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

LSM6DSO16IS Datasheet(HTML) 48 Page - STMicroelectronics

Back Button LSM6DSO16IS Datasheet HTML 44Page - STMicroelectronics LSM6DSO16IS Datasheet HTML 45Page - STMicroelectronics LSM6DSO16IS Datasheet HTML 46Page - STMicroelectronics LSM6DSO16IS Datasheet HTML 47Page - STMicroelectronics LSM6DSO16IS Datasheet HTML 48Page - STMicroelectronics LSM6DSO16IS Datasheet HTML 49Page - STMicroelectronics LSM6DSO16IS Datasheet HTML 50Page - STMicroelectronics LSM6DSO16IS Datasheet HTML 51Page - STMicroelectronics LSM6DSO16IS Datasheet HTML 52Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 48 / 107 page
background image
9.32
ISPU_DUMMY_CFG_3_L (77h) and ISPU_DUMMY_CFG_3_H (78h)
General-purpose input configuration register for ISPU (R/W). This register is also accessible from ISPU at
address 6978h, 6979h (R).
Table 100. ISPU_DUMMY_CFG_3_L register
ISPU_DUMMY
_CFG_3_7
ISPU_DUMMY
_CFG_3_6
ISPU_DUMMY
_CFG_3_5
ISPU_DUMMY
_CFG_3_4
ISPU_DUMMY
_CFG_3_3
ISPU_DUMMY
_CFG_3_2
ISPU_DUMMY
_CFG_3_1
ISPU_DUMMY
_CFG_3_0
Table 101. ISPU_DUMMY_CFG_3_H register
ISPU_DUMMY
_CFG_3_15
ISPU_DUMMY
_CFG_3_14
ISPU_DUMMY
_CFG_3_13
ISPU_DUMMY
_CFG_3_12
ISPU_DUMMY
_CFG_3_11
ISPU_DUMMY
_CFG_3_10
ISPU_DUMMY
_CFG_3_9
ISPU_DUMMY
_CFG_3_8
Table 102. ISPU_DUMMY_CFG_3 register description
ISPU_DUMMY_CFG_3_[15:0]
Input configuration register 3 for ISPU.
LSM6DSO16IS
ISPU_DUMMY_CFG_3_L (77h) and ISPU_DUMMY_CFG_3_H (78h)
DS13892 - Rev 2
page 48/107



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com