Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

LSM6DSO16IS Datasheet(PDF) 98 Page - STMicroelectronics

Part # LSM6DSO16IS
Description  iNEMO inertial module: always-on 3-axis accelerometer and 3-axis gyroscope with ISPU - intelligent sensor processing unit
PDF  107 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

LSM6DSO16IS Datasheet(HTML) 98 Page - STMicroelectronics

Back Button LSM6DSO16IS Datasheet HTML 94Page - STMicroelectronics LSM6DSO16IS Datasheet HTML 95Page - STMicroelectronics LSM6DSO16IS Datasheet HTML 96Page - STMicroelectronics LSM6DSO16IS Datasheet HTML 97Page - STMicroelectronics LSM6DSO16IS Datasheet HTML 98Page - STMicroelectronics LSM6DSO16IS Datasheet HTML 99Page - STMicroelectronics LSM6DSO16IS Datasheet HTML 100Page - STMicroelectronics LSM6DSO16IS Datasheet HTML 101Page - STMicroelectronics LSM6DSO16IS Datasheet HTML 102Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 98 / 107 page
background image
15.9
SENSOR_HUB_9 (0Ah)........................................................ 80
15.10 SENSOR_HUB_10 (0Bh)....................................................... 81
15.11 SENSOR_HUB_11 (0Ch)....................................................... 81
15.12 SENSOR_HUB_12 (0Dh)....................................................... 81
15.13 SENSOR_HUB_13 (0Eh)....................................................... 82
15.14 SENSOR_HUB_14 (0Fh) ....................................................... 82
15.15 SENSOR_HUB_15 (10h) ....................................................... 82
15.16 SENSOR_HUB_16 (11h) ....................................................... 83
15.17 SENSOR_HUB_17 (12h) ....................................................... 83
15.18 SENSOR_HUB_18 (13h) ....................................................... 83
15.19 MASTER_CONFIG (14h) ....................................................... 84
15.20 SLV0_ADD (15h).............................................................. 85
15.21 SLV0_SUBADD (16h).......................................................... 85
15.22 SLV0_CONFIG (17h) .......................................................... 85
15.23 SLV1_ADD (18h).............................................................. 86
15.24 SLV1_SUBADD (19h).......................................................... 86
15.25 SLV1_CONFIG (1Ah) .......................................................... 86
15.26 SLV2_ADD (1Bh) ............................................................. 87
15.27 SLV2_SUBADD (1Ch) ......................................................... 87
15.28 SLV2_CONFIG (1Dh) .......................................................... 87
15.29 SLV3_ADD (1Eh) ............................................................. 88
15.30 SLV3_SUBADD (1Fh).......................................................... 88
15.31 SLV3_CONFIG (20h) .......................................................... 88
15.32 DATAWRITE_SLV0 (21h)....................................................... 89
15.33 STATUS_MASTER (22h) ....................................................... 89
16
Package information..............................................................90
16.1
Soldering information .......................................................... 90
16.2
LGA-14L package information ................................................... 90
16.3
LGA-14 packing information .................................................... 91
Revision history .......................................................................93
List of tables ..........................................................................99
List of figures........................................................................ 106
LSM6DSO16IS
Contents
DS13892 - Rev 2
page 98/107



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com