Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

LSM6DSO16IS Datasheet(PDF) 71 Page - STMicroelectronics

Part # LSM6DSO16IS
Description  iNEMO inertial module: always-on 3-axis accelerometer and 3-axis gyroscope with ISPU - intelligent sensor processing unit
PDF  107 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

LSM6DSO16IS Datasheet(HTML) 71 Page - STMicroelectronics

Back Button LSM6DSO16IS Datasheet HTML 67Page - STMicroelectronics LSM6DSO16IS Datasheet HTML 68Page - STMicroelectronics LSM6DSO16IS Datasheet HTML 69Page - STMicroelectronics LSM6DSO16IS Datasheet HTML 70Page - STMicroelectronics LSM6DSO16IS Datasheet HTML 71Page - STMicroelectronics LSM6DSO16IS Datasheet HTML 72Page - STMicroelectronics LSM6DSO16IS Datasheet HTML 73Page - STMicroelectronics LSM6DSO16IS Datasheet HTML 74Page - STMicroelectronics LSM6DSO16IS Datasheet HTML 75Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 71 / 107 page
background image
13
ISPU functions register description
13.1
ISPU_GLB_CALL_EN (6800h)
ISPU read/write access (6800h)
Table 242. ISPU_GLB_CALL_EN registers
-
-
-
-
-
-
-
ISPU_GLB_C
ALL_EN
Table 243. ISPU_GLB_CALL_EN register description
ISPU_GLB_CALL_EN
Enables internal interrupt generation to run algorithm routines.
13.2
ISPU_INT_PIN (685Ch)
ISPU read/write access (685Ch)
Table 244. ISPU_INT_PIN registers
0
0
0
0
0
0
INT2
INT1
Table 245. ISPU_INT_PIN register description
INT2
Flag for interrupt generation on INT2 pin.
INT1
Flag for interrupt generation on INT1 pin.
13.3
ISPU_ARAW_X_L (6880h), ISPU_ARAW_X_H (6881h)
ISPU read access (6880h, 6881h)
Table 246. ISPU_ARAW_X_L register
ISPU_
ARAW_X_7
ISPU_
ARAW_X_6
ISPU_
ARAW_X_5
ISPU_
ARAW_X_4
ISPU_
ARAW_X_3
ISPU_
ARAW_X_2
ISPU_
ARAW_X_1
ISPU_
ARAW_X_0
Table 247. ISPU_ARAW_X_H register
ISPU_
ARAW_X_15
ISPU_
ARAW_X_14
ISPU_
ARAW_X_13
ISPU_
ARAW_X_12
ISPU_
ARAW_X_11
ISPU_
ARAW_X_10
ISPU_
ARAW_X_9
ISPU_
ARAW_X_8
Table 248. ISPU_ARAW_X register description
ISPU_ARAW_X_[15:0]
Accelerometer X-axis output expressed in two’s complement.
LSM6DSO16IS
ISPU functions register description
DS13892 - Rev 2
page 71/107



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com