Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

LSM6DSO16IS Datasheet(PDF) 76 Page - STMicroelectronics

Part # LSM6DSO16IS
Description  iNEMO inertial module: always-on 3-axis accelerometer and 3-axis gyroscope with ISPU - intelligent sensor processing unit
PDF  107 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

LSM6DSO16IS Datasheet(HTML) 76 Page - STMicroelectronics

Back Button LSM6DSO16IS Datasheet HTML 72Page - STMicroelectronics LSM6DSO16IS Datasheet HTML 73Page - STMicroelectronics LSM6DSO16IS Datasheet HTML 74Page - STMicroelectronics LSM6DSO16IS Datasheet HTML 75Page - STMicroelectronics LSM6DSO16IS Datasheet HTML 76Page - STMicroelectronics LSM6DSO16IS Datasheet HTML 77Page - STMicroelectronics LSM6DSO16IS Datasheet HTML 78Page - STMicroelectronics LSM6DSO16IS Datasheet HTML 79Page - STMicroelectronics LSM6DSO16IS Datasheet HTML 80Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 76 / 107 page
background image
13.14
ISPU_DTIME_0_L (6948h), ISPU_DTIME_0_H (6949h), ISPU_DTIME_1_L
(694Ah), ISPU_DTIME_1_H (694Bh)
ISPU read access (6948h, 6949h, 694Ah, 694Bh)
Table 281. ISPU_DTIME_0_L output register
ISPU_
DTIME_7
ISPU_
DTIME_6
ISPU_
DTIME_5
ISPU_
DTIME_4
ISPU_
DTIME_3
ISPU_
DTIME_2
ISPU_
DTIME_1
ISPU_
DTIME_0
Table 282. ISPU_DTIME_0_H output register
ISPU_
DTIME_15
ISPU_
DTIME_14
ISPU_
DTIME_13
ISPU_
DTIME_12
ISPU_
DTIME_11
ISPU_
DTIME_10
ISPU_
DTIME_9
ISPU_
DTIME_8
Table 283. ISPU_DTIME_1_L output register
ISPU_
DTIME_23
ISPU_
DTIME_22
ISPU_
DTIME_21
ISPU_
DTIME_20
ISPU_
DTIME_19
ISPU_
DTIME_18
ISPU_
DTIME_17
ISPU_
DTIME_16
Table 284. ISPU_DTIME_1_H output register
ISPU_
DTIME_31
ISPU_
DTIME_30
ISPU_
DTIME_29
ISPU_
DTIME_28
ISPU_
DTIME_27
ISPU_
DTIME_26
ISPU_
DTIME_25
ISPU_
DTIME_24
Table 285. ISPU_DTIME output register description
ISPU_DTIME_[31:0]
Actual delta time at 104 Hz (expressed in seconds): it is represented as a single precision floating-point
number.
LSM6DSO16IS
ISPU_DTIME_0_L (6948h), ISPU_DTIME_0_H (6949h), ISPU_DTIME_1_L (694Ah), ISPU_DTIME_1_H (694Bh)
DS13892 - Rev 2
page 76/107



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com