Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

LSM6DSO16IS Datasheet(PDF) 85 Page - STMicroelectronics

Part # LSM6DSO16IS
Description  iNEMO inertial module: always-on 3-axis accelerometer and 3-axis gyroscope with ISPU - intelligent sensor processing unit
PDF  107 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

LSM6DSO16IS Datasheet(HTML) 85 Page - STMicroelectronics

Back Button LSM6DSO16IS Datasheet HTML 81Page - STMicroelectronics LSM6DSO16IS Datasheet HTML 82Page - STMicroelectronics LSM6DSO16IS Datasheet HTML 83Page - STMicroelectronics LSM6DSO16IS Datasheet HTML 84Page - STMicroelectronics LSM6DSO16IS Datasheet HTML 85Page - STMicroelectronics LSM6DSO16IS Datasheet HTML 86Page - STMicroelectronics LSM6DSO16IS Datasheet HTML 87Page - STMicroelectronics LSM6DSO16IS Datasheet HTML 88Page - STMicroelectronics LSM6DSO16IS Datasheet HTML 89Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 85 / 107 page
background image
15.20
SLV0_ADD (15h)
I²C slave address of the first external sensor (sensor 1) register (R/W)
Table 325. SLV0_ADD register
slave0_
add6
slave0_
add5
slave0_
add4
slave0_
add3
slave0_
add2
slave0_
add1
slave0_
add0
rw_0
Table 326. SLV0_ADD register description
slave0_add[6:0]
I²C slave address of sensor 1 that can be read by the sensor hub.
Default value: 0000000
rw_0
Read/write operation on sensor 1. Default value: 0
(0: write operation; 1: read operation)
15.21
SLV0_SUBADD (16h)
Address of register on the first external sensor (sensor 1) register (R/W)
Table 327. SLV0_SUBADD register
slave0_
reg7
slave0_
reg6
slave0_
reg5
slave0_
reg4
slave0_
reg3
slave0_
reg2
slave0_
reg1
slave0_
reg0
Table 328. SLV0_SUBADD register description
slave0_reg[7:0]
Address of register on sensor1 that has to be read/written according to the rw_0 bit value in SLV0_ADD
(15h). Default value: 00000000
15.22
SLV0_CONFIG (17h)
First external sensor (sensor 1) configuration and sensor hub settings register (R/W)
Table 329. SLV0_CONFIG register
SHUB_
ODR_1
SHUB_
ODR_0
0(1)
0(1)
0(1)
Slave0_
numop2
Slave0_
numop1
Slave0_
numop0
1. This bit must be set to 0 for the correct operation of the device.
Table 330. SLV0_CONFIG register description
SHUB_ODR_[1:0]
Rate at which the master communicates. Default value: 00
(00: 104 Hz (or at the maximum ODR between the accelerometer and gyro if it is less than 104 Hz);
01: 52 Hz (or at the maximum ODR between the accelerometer and gyro if it is less than 52 Hz);
10: 26 Hz (or at the maximum ODR between the accelerometer and gyro if it is less than 26 Hz);
11: 12.5 Hz (or at the maximum ODR between the accelerometer and gyro if it is less than 12.5 Hz)
Slave0_numop[2:0]
Number of read operations on sensor 1. Default value: 000
LSM6DSO16IS
SLV0_ADD (15h)
DS13892 - Rev 2
page 85/107



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com