Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

LSM6DSO16IS Datasheet(PDF) 38 Page - STMicroelectronics

Part # LSM6DSO16IS
Description  iNEMO inertial module: always-on 3-axis accelerometer and 3-axis gyroscope with ISPU - intelligent sensor processing unit
PDF  107 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

LSM6DSO16IS Datasheet(HTML) 38 Page - STMicroelectronics

Back Button LSM6DSO16IS Datasheet HTML 34Page - STMicroelectronics LSM6DSO16IS Datasheet HTML 35Page - STMicroelectronics LSM6DSO16IS Datasheet HTML 36Page - STMicroelectronics LSM6DSO16IS Datasheet HTML 37Page - STMicroelectronics LSM6DSO16IS Datasheet HTML 38Page - STMicroelectronics LSM6DSO16IS Datasheet HTML 39Page - STMicroelectronics LSM6DSO16IS Datasheet HTML 40Page - STMicroelectronics LSM6DSO16IS Datasheet HTML 41Page - STMicroelectronics LSM6DSO16IS Datasheet HTML 42Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 38 / 107 page
background image
9.13
CTRL7_G (16h)
Control register 7 (R/W)
Table 46. CTRL7_G register
G_
HM_MODE
0(1)
0(1)
0(1)
0(1)
0(1)
0(1)
0(1)
1. This bit must be set to 0 for the correct operation of the device.
Table 47. CTRL7_G register description
G_HM_MODE
Disables high-performance operating mode for gyroscope. Default: 0
(0: high-performance operating mode enabled;
1: high-performance operating mode disabled)
9.14
CTRL9_C (18h)
Control register 9 (R/W)
Table 48. CTRL9_C register
ISPU_
RATE_3
ISPU_
RATE_2
ISPU_
RATE_1
ISPU_
RATE_0
0(1)
0(1)
ISPU_
BDU_1
ISPU_
BDU_0
1. This bit must be set to 0 for the correct operation of the device.
Table 49. CTRL9_C register description
ISPU_RATE_[3:0]
ISPU IRQ rate selection.
(0000: power-down (default);
0001: 12.5 Hz;
0010: 26 Hz;
0011: 52 Hz;
0100: 104 Hz;
0101: 208 Hz;
0110: 416 Hz;
0111: 833 Hz;
1000: 1667 Hz;
1001: 3333 Hz;
1010: 6667 Hz;
1011-1111: reserved)
ISPU_BDU_[1:0]
Block data update (BDU) for ISPU output registers. Based on output data format, different configurations must be used,
see Table 50
Table 50. Configurations for block data update
ISPU_BDU_[1:0]
ISPU_DOUT_00_L to ISPU_DOUT_15_H
ISPU_DOUT_16_L to ISPU_DOUT_31_H
00
BDU disabled
BDU disabled
01
BDU on 2 bytes (16 outputs)
BDU on 4 bytes (8 outputs)
10
BDU on 2 bytes (16 outputs)
BDU on 2 bytes (16 outputs)
11
BDU on 4 bytes (8 outputs)
BDU on 4 bytes (8 outputs)
LSM6DSO16IS
CTRL7_G (16h)
DS13892 - Rev 2
page 38/107



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com