Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

LSM6DSO16IS Datasheet(PDF) 66 Page - STMicroelectronics

Part # LSM6DSO16IS
Description  iNEMO inertial module: always-on 3-axis accelerometer and 3-axis gyroscope with ISPU - intelligent sensor processing unit
PDF  107 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

LSM6DSO16IS Datasheet(HTML) 66 Page - STMicroelectronics

Back Button LSM6DSO16IS Datasheet HTML 62Page - STMicroelectronics LSM6DSO16IS Datasheet HTML 63Page - STMicroelectronics LSM6DSO16IS Datasheet HTML 64Page - STMicroelectronics LSM6DSO16IS Datasheet HTML 65Page - STMicroelectronics LSM6DSO16IS Datasheet HTML 66Page - STMicroelectronics LSM6DSO16IS Datasheet HTML 67Page - STMicroelectronics LSM6DSO16IS Datasheet HTML 68Page - STMicroelectronics LSM6DSO16IS Datasheet HTML 69Page - STMicroelectronics LSM6DSO16IS Datasheet HTML 70Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 66 / 107 page
background image
11.40
ISPU_INT1_CTRL0 (50h), ISPU_INT1_CTRL1 (51h), ISPU_INT1_CTRL2 (52h),
ISPU_INT1_CTRL3 (53h)
ISPU INT1 configuration register (R/W). This register is also accessible from ISPU at address 6850h, 6851h,
6852h, 6853h (R).
Table 221. ISPU_INT1_CTRL0 register
ISPU_INT1
_CTRL7
ISPU_INT1
_CTRL6
ISPU_INT1
_CTRL5
ISPU_INT1
_CTRL4
ISPU_INT1
_CTRL3
ISPU_INT1
_CTRL2
ISPU_INT1
_CTRL1
ISPU_INT1
_CTRL0
Table 222. ISPU_INT1_CTRL1 register
ISPU_INT1
_CTRL15
ISPU_INT1
_CTRL14
ISPU_INT1
_CTRL13
ISPU_INT1
_CTRL12
ISPU_INT1
_CTRL11
ISPU_INT1
_CTRL10
ISPU_INT1
_CTRL9
ISPU_INT1
_CTRL8
Table 223. ISPU_INT1_CTRL2 register
ISPU_INT1
_CTRL23
ISPU_INT1
_CTRL22
ISPU_INT1
_CTRL21
ISPU_INT1
_CTRL20
ISPU_INT1
_CTRL19
ISPU_INT1
_CTRL18
ISPU_INT1
_CTRL17
ISPU_INT1
_CTRL16
Table 224. ISPU_INT1_CTRL3 register
0
0
ISPU_INT1
_CTRL29
ISPU_INT1
_CTRL28
ISPU_INT1
_CTRL27
ISPU_INT1
_CTRL26
ISPU_INT1
_CTRL25
ISPU_INT1
_CTRL24
Table 225. ISPU_INT1_CTRL register description
ISPU_INT1_CTRL[29:0]
Routing 30-bit interrupt flags (in ISPU_INT_STATUS registers) to the INT1 pin. INT1_ISPU must be
set to 1 also.
LSM6DSO16IS
ISPU_INT1_CTRL0 (50h), ISPU_INT1_CTRL1 (51h), ISPU_INT1_CTRL2 (52h), ISPU_INT1_CTRL3 (53h)
DS13892 - Rev 2
page 66/107



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com