Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

LSM6DSO16IS Datasheet(PDF) 31 Page - STMicroelectronics

Part # LSM6DSO16IS
Description  iNEMO inertial module: always-on 3-axis accelerometer and 3-axis gyroscope with ISPU - intelligent sensor processing unit
PDF  107 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

LSM6DSO16IS Datasheet(HTML) 31 Page - STMicroelectronics

Back Button LSM6DSO16IS Datasheet HTML 27Page - STMicroelectronics LSM6DSO16IS Datasheet HTML 28Page - STMicroelectronics LSM6DSO16IS Datasheet HTML 29Page - STMicroelectronics LSM6DSO16IS Datasheet HTML 30Page - STMicroelectronics LSM6DSO16IS Datasheet HTML 31Page - STMicroelectronics LSM6DSO16IS Datasheet HTML 32Page - STMicroelectronics LSM6DSO16IS Datasheet HTML 33Page - STMicroelectronics LSM6DSO16IS Datasheet HTML 34Page - STMicroelectronics LSM6DSO16IS Datasheet HTML 35Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 31 / 107 page
background image
9
Register description
The device contains a set of registers which are used to control its behavior and to retrieve linear acceleration,
angular rate and temperature data. The register addresses, made up of 7 bits, are used to identify them and to
write the data through the serial interface.
9.1
FUNC_CFG_ACCESS (01h)
Enable ISPU / sensor hub functions register (R/W)
Table 18. FUNC_CFG_ACCESS register
ISPU_REG
_ACCESS
SHUB_REG
_ACCESS
0(1)
0(1)
0(1)
0(1)
SW_RESET
_ISPU
0(1)
1. This bit must be set to 0 for the correct operation of the device.
Table 19. FUNC_CFG_ACCESS register description
ISPU_REG_ACCESS
Enables access to the ISPU interaction registers(1). Default value: 0
SHUB_REG_ACCESS Enables access to the sensor hub (I²C master) registers(2). Default value: 0
SW_RESET_ISPU
Software reset of ISPU core. Set the bit to 1 to activate the reset sequence and immediately write
back to 0 (this bit is not automatically cleared). Default value: 0
1. Details regarding the ISPU interaction registers are available in Section 10 ISPU interaction register mapping and
Section 11 ISPU interaction register description.
2. Details concerning the sensor hub registers are available in Section 14 Sensor hub register mapping and
Section 15 Sensor hub register description.
9.2
PIN_CTRL (02h)
SDO pin pull-up register (R/W)
Table 20. PIN_CTRL register
0(1)
SDO_PU_EN
1(2)
1(2)
1(2)
1(2)
1(2)
1(2)
1. This bit must be set to 0 for the correct operation of the device.
2. This bit must be set to 1 for the correct operation of the device.
Table 21. PIN_CTRL register description
SDO_PU_EN
Enables pull-up on SDO pin.
(0: SDO pin pull-up disconnected (default); 1: SDO pin with pull-up)
LSM6DSO16IS
Register description
DS13892 - Rev 2
page 31/107



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com