Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

LSM6DSO16IS Datasheet(PDF) 97 Page - STMicroelectronics

Part # LSM6DSO16IS
Description  iNEMO inertial module: always-on 3-axis accelerometer and 3-axis gyroscope with ISPU - intelligent sensor processing unit
PDF  107 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

LSM6DSO16IS Datasheet(HTML) 97 Page - STMicroelectronics

Back Button LSM6DSO16IS Datasheet HTML 93Page - STMicroelectronics LSM6DSO16IS Datasheet HTML 94Page - STMicroelectronics LSM6DSO16IS Datasheet HTML 95Page - STMicroelectronics LSM6DSO16IS Datasheet HTML 96Page - STMicroelectronics LSM6DSO16IS Datasheet HTML 97Page - STMicroelectronics LSM6DSO16IS Datasheet HTML 98Page - STMicroelectronics LSM6DSO16IS Datasheet HTML 99Page - STMicroelectronics LSM6DSO16IS Datasheet HTML 100Page - STMicroelectronics LSM6DSO16IS Datasheet HTML 101Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 97 / 107 page
background image
11.38 ISPU_DOUT_30_L (4Ch), ISPU_DOUT_30_H (4Dh) ............................... 65
11.39 ISPU_DOUT_31_L (4Eh), ISPU_DOUT_31_H (4Fh)................................ 65
11.40 ISPU_INT1_CTRL0
(50h),
ISPU_INT1_CTRL1
(51h),
ISPU_INT1_CTRL2
(52h),
ISPU_INT1_CTRL3 (53h) ...................................................... 66
11.41 ISPU_INT2_CTRL0
(54h),
ISPU_INT2_CTRL1
(55h),
ISPU_INT2_CTRL2
(56h),
ISPU_INT2_CTRL3 (57h) ...................................................... 67
11.42 ISPU_INT_STATUS0 (58h), ISPU_INT_STATUS1 (59h), ISPU_INT_STATUS2 (5Ah),
ISPU_INT_STATUS3 (5Bh) ..................................................... 68
11.43 ISPU_ALGO0 (70h), ISPU_ALGO1 (71h), ISPU_ALGO2 (72h), ISPU_ALGO3 (73h)..... 69
12
ISPU functions register mapping..................................................70
13
ISPU functions register description ...............................................71
13.1
ISPU_GLB_CALL_EN (6800h) .................................................. 71
13.2
ISPU_INT_PIN (685Ch) ........................................................ 71
13.3
ISPU_ARAW_X_L (6880h), ISPU_ARAW_X_H (6881h) ............................. 71
13.4
ISPU_ARAW_Y_L (6884h), ISPU_ARAW_Y_H (6885h) ............................. 72
13.5
ISPU_ARAW_Z_L (6888h), ISPU_ARAW_Z_H (6889h) ............................. 72
13.6
ISPU_GRAW_X_L (688Ch), ISPU_GRAW_X_H (688Dh) ............................ 72
13.7
ISPU_GRAW_Y_L (6890h), ISPU_GRAW_Y_L (6891h) ............................. 73
13.8
ISPU_GRAW_Z_L (6894h), ISPU_GRAW_Z_H (6895h)............................. 73
13.9
ISPU_ERAW_0_L (6898h), ISPU_ERAW_0_H (6899h) ............................. 73
13.10 ISPU_ERAW_1_L (689Ch), ISPU_ERAW_1_H (689Dh)............................. 74
13.11 ISPU_ERAW_2_L (68A0h), ISPU_ERAW_2_H (68A1h) ............................. 74
13.12 ISPU_TEMP_L (68A4h), ISPU_TEMP_H (68A5h) .................................. 74
13.13 ISPU_CALL_EN_0 (68B8h), ISPU_CALL_EN_1 (68B9h), ISPU_CALL_EN_2 (68BAh),
ISPU_CALL_EN_3 (68BBh) .................................................... 75
13.14 ISPU_DTIME_0_L (6948h), ISPU_DTIME_0_H (6949h), ISPU_DTIME_1_L (694Ah),
ISPU_DTIME_1_H (694Bh) ..................................................... 76
14
Sensor hub register mapping .....................................................77
15
Sensor hub register description...................................................78
15.1
SENSOR_HUB_1 (02h) ........................................................ 78
15.2
SENSOR_HUB_2 (03h) ........................................................ 78
15.3
SENSOR_HUB_3 (04h) ........................................................ 78
15.4
SENSOR_HUB_4 (05h) ........................................................ 79
15.5
SENSOR_HUB_5 (06h) ........................................................ 79
15.6
SENSOR_HUB_6 (07h) ........................................................ 79
15.7
SENSOR_HUB_7 (08h) ........................................................ 80
15.8
SENSOR_HUB_8 (09h) ........................................................ 80
LSM6DSO16IS
Contents
DS13892 - Rev 2
page 97/107



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com