Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

LSM6DSO16IS Datasheet(PDF) 95 Page - STMicroelectronics

Part # LSM6DSO16IS
Description  iNEMO inertial module: always-on 3-axis accelerometer and 3-axis gyroscope with ISPU - intelligent sensor processing unit
PDF  107 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

LSM6DSO16IS Datasheet(HTML) 95 Page - STMicroelectronics

Back Button LSM6DSO16IS Datasheet HTML 91Page - STMicroelectronics LSM6DSO16IS Datasheet HTML 92Page - STMicroelectronics LSM6DSO16IS Datasheet HTML 93Page - STMicroelectronics LSM6DSO16IS Datasheet HTML 94Page - STMicroelectronics LSM6DSO16IS Datasheet HTML 95Page - STMicroelectronics LSM6DSO16IS Datasheet HTML 96Page - STMicroelectronics LSM6DSO16IS Datasheet HTML 97Page - STMicroelectronics LSM6DSO16IS Datasheet HTML 98Page - STMicroelectronics LSM6DSO16IS Datasheet HTML 99Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 95 / 107 page
background image
9.2
PIN_CTRL (02h) .............................................................. 31
9.3
DRDY_PULSED_REG (0Bh).................................................... 32
9.4
INT1_CTRL (0Dh) ............................................................. 32
9.5
INT2_CTRL (0Eh) ............................................................. 33
9.6
WHO_AM_I (0Fh) ............................................................. 33
9.7
CTRL1_XL (10h) .............................................................. 34
9.8
CTRL2_G (11h) ............................................................... 35
9.9
CTRL3_C (12h) ............................................................... 36
9.10
CTRL4_C (13h) ............................................................... 36
9.11
CTRL5_C (14h) ............................................................... 37
9.12
CTRL6_C (15h) ............................................................... 37
9.13
CTRL7_G (16h)............................................................... 38
9.14
CTRL9_C (18h) ............................................................... 38
9.15
CTRL10_C (19h) .............................................................. 39
9.16
ISPU_INT_STATUS0_MAINPAGE
(1Ah),
ISPU_INT_STATUS1_MAINPAGE
(1Bh),
ISPU_INT_STATUS2_MAINPAGE (1Ch), ISPU_INT_STATUS3_MAINPAGE (1Dh) ...... 39
9.17
STATUS_REG (1Eh)........................................................... 40
9.18
OUT_TEMP_L (20h), OUT_TEMP_H (21h)........................................ 40
9.19
OUTX_L_G (22h) and OUTX_H_G (23h) ......................................... 41
9.20
OUTY_L_G (24h) and OUTY_H_G (25h) ......................................... 41
9.21
OUTZ_L_G (26h) and OUTZ_H_G (27h).......................................... 42
9.22
OUTX_L_A (28h) and OUTX_H_A (29h) .......................................... 43
9.23
OUTY_L_A (2Ah) and OUTY_H_A (2Bh) ......................................... 43
9.24
OUTZ_L_A (2Ch) and OUTZ_H_A (2Dh) ......................................... 44
9.25
STATUS_MASTER_MAINPAGE (39h) ............................................ 45
9.26
TIMESTAMP0 (40h), TIMESTAMP1 (41h), TIMESTAMP2 (42h), and TIMESTAMP3 (43h) 45
9.27
MD1_CFG (5Eh) .............................................................. 46
9.28
MD2_CFG (5Fh) .............................................................. 46
9.29
INTERNAL_FREQ_FINE (63h) .................................................. 46
9.30
ISPU_DUMMY_CFG_1_L (73h) and ISPU_DUMMY_CFG_1_H (74h) ................. 47
9.31
ISPU_DUMMY_CFG_2_L (75h) and ISPU_DUMMY_CFG_2_H (76h) ................. 47
9.32
ISPU_DUMMY_CFG_3_L (77h) and ISPU_DUMMY_CFG_3_H (78h) ................ 48
9.33
ISPU_DUMMY_CFG_4_L (79h) and ISPU_DUMMY_CFG_4_H (7Ah) ................ 49
10
ISPU interaction register mapping ................................................50
11
ISPU interaction register description ..............................................52
11.1
ISPU_CONFIG (02h) .......................................................... 52
LSM6DSO16IS
Contents
DS13892 - Rev 2
page 95/107



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com