Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

LSM6DSO16IS Datasheet(PDF) 52 Page - STMicroelectronics

Part # LSM6DSO16IS
Description  iNEMO inertial module: always-on 3-axis accelerometer and 3-axis gyroscope with ISPU - intelligent sensor processing unit
PDF  107 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

LSM6DSO16IS Datasheet(HTML) 52 Page - STMicroelectronics

Back Button LSM6DSO16IS Datasheet HTML 48Page - STMicroelectronics LSM6DSO16IS Datasheet HTML 49Page - STMicroelectronics LSM6DSO16IS Datasheet HTML 50Page - STMicroelectronics LSM6DSO16IS Datasheet HTML 51Page - STMicroelectronics LSM6DSO16IS Datasheet HTML 52Page - STMicroelectronics LSM6DSO16IS Datasheet HTML 53Page - STMicroelectronics LSM6DSO16IS Datasheet HTML 54Page - STMicroelectronics LSM6DSO16IS Datasheet HTML 55Page - STMicroelectronics LSM6DSO16IS Datasheet HTML 56Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 52 / 107 page
background image
11
ISPU interaction register description
11.1
ISPU_CONFIG (02h)
ISPU configuration register (R/W). This register is also accessible from ISPU at address 6802h (R).
Table 108. ISPU_CONFIG register
0(1)
0(1)
0(1)
LATCHED
0(1)
0(1)
CLK_DIS
ISPU_
RST_N
1. This bit must be set to 0 for the correct operation of the device.
Table 109. ISPU_CONFIG register description
LATCHED
Configures the interrupt generation.
(0: interrupt pulsed;
1: interrupt latched)
CLK_DIS
When active, stops the clock of ISPU.
ISPU_RST_N
ISPU active-low reset.
11.2
ISPU_STATUS (04h)
ISPU status register (R). This register is also accessible from ISPU at address 6804h (R/W).
Table 110. ISPU_STATUS register
0(1)
0(1)
0(1)
0(1)
0(1)
BOOT_END
0(1)
0(1)
1. This bit must be set to 0 for the correct operation of the device.
Table 111. ISPU_STATUS register description
BOOT_END
End of ISPU boot procedure.
LSM6DSO16IS
ISPU interaction register description
DS13892 - Rev 2
page 52/107



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com