Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

LSM6DSO16IS Datasheet(PDF) 84 Page - STMicroelectronics

Part # LSM6DSO16IS
Description  iNEMO inertial module: always-on 3-axis accelerometer and 3-axis gyroscope with ISPU - intelligent sensor processing unit
PDF  107 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

LSM6DSO16IS Datasheet(HTML) 84 Page - STMicroelectronics

Back Button LSM6DSO16IS Datasheet HTML 80Page - STMicroelectronics LSM6DSO16IS Datasheet HTML 81Page - STMicroelectronics LSM6DSO16IS Datasheet HTML 82Page - STMicroelectronics LSM6DSO16IS Datasheet HTML 83Page - STMicroelectronics LSM6DSO16IS Datasheet HTML 84Page - STMicroelectronics LSM6DSO16IS Datasheet HTML 85Page - STMicroelectronics LSM6DSO16IS Datasheet HTML 86Page - STMicroelectronics LSM6DSO16IS Datasheet HTML 87Page - STMicroelectronics LSM6DSO16IS Datasheet HTML 88Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 84 / 107 page
background image
15.19
MASTER_CONFIG (14h)
Master configuration register (R/W)
Table 323. MASTER_CONFIG register
RST_MASTER
_REGS
WRITE_
ONCE
START_
CONFIG
PASS_THROUGH
_MODE
SHUB_
PU_EN
MASTER
_ON
AUX_SENS
_ON_1
AUX_SENS
_ON_0
Table 324. MASTER_CONFIG register description
RST_MASTER_REGS
Resets master logic and output registers. Must be set to 1 and then set it to 0. Default value: 0
WRITE_ONCE
Slave 0 write operation is performed only at the first sensor hub cycle.
Default value: 0
(0: write operation for each sensor hub cycle;
1: write operation only for the first sensor hub cycle)
START_CONFIG
Selects sensor hub trigger signal. Default value: 0
(0: sensor hub trigger signal is the accelerometer/gyro data-ready;
1: sensor hub trigger signal is external to INT2 pin)
PASS_THROUGH_MODE
I²C interface pass-through. Default value: 0
(0: pass-through disabled;
1: pass-through enabled, main I²C line is short-circuited with the auxiliary line)
SHUB_PU_EN
Enables master I²C pull-up. Default value: 0
(0: internal pull-up on auxiliary I²C line disabled;
1: internal pull-up on auxiliary I²C line enabled)
MASTER_ON
Enables sensor hub I²C master. Default: 0
(0: master I²C of sensor hub disabled; 1: master I²C of sensor hub enabled)
AUX_SENS_ON_[1:0]
Number of external sensors to be read by the sensor hub.
(00: one sensor;
01: two sensors;
10: three sensors;
11: four sensors)
LSM6DSO16IS
MASTER_CONFIG (14h)
DS13892 - Rev 2
page 84/107



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com