Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

LSM6DSO16IS Datasheet(PDF) 69 Page - STMicroelectronics

Part # LSM6DSO16IS
Description  iNEMO inertial module: always-on 3-axis accelerometer and 3-axis gyroscope with ISPU - intelligent sensor processing unit
PDF  107 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

LSM6DSO16IS Datasheet(HTML) 69 Page - STMicroelectronics

Back Button LSM6DSO16IS Datasheet HTML 65Page - STMicroelectronics LSM6DSO16IS Datasheet HTML 66Page - STMicroelectronics LSM6DSO16IS Datasheet HTML 67Page - STMicroelectronics LSM6DSO16IS Datasheet HTML 68Page - STMicroelectronics LSM6DSO16IS Datasheet HTML 69Page - STMicroelectronics LSM6DSO16IS Datasheet HTML 70Page - STMicroelectronics LSM6DSO16IS Datasheet HTML 71Page - STMicroelectronics LSM6DSO16IS Datasheet HTML 72Page - STMicroelectronics LSM6DSO16IS Datasheet HTML 73Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 69 / 107 page
background image
11.43
ISPU_ALGO0 (70h), ISPU_ALGO1 (71h), ISPU_ALGO2 (72h), ISPU_ALGO3 (73h)
ISPU algorithm register (R/W). This register is also accessible from ISPU at address 6870h, 6871h, 6872h, 6873h
(R).
Table 236. ISPU_ALGO0 register
ISPU_
ALGO7
ISPU_
ALGO6
ISPU_
ALGO5
ISPU_
ALGO4
ISPU_
ALGO3
ISPU_
ALGO2
ISPU_
ALGO1
ISPU_
ALGO0
Table 237. ISPU_ALGO1 register
ISPU_
ALGO15
ISPU_
ALGO14
ISPU_
ALGO13
ISPU_
ALGO12
ISPU_
ALGO11
ISPU_
ALGO10
ISPU_
ALGO9
ISPU_
ALGO8
Table 238. ISPU_ALGO2 register
ISPU_
ALGO23
ISPU_
ALGO22
ISPU_
ALGO21
ISPU_
ALGO20
ISPU_
ALGO19
ISPU_
ALGO18
ISPU_
ALGO17
ISPU_
ALGO16
Table 239. ISPU_ALGO3 register
0
0
ISPU_
ALGO29
ISPU_
ALGO28
ISPU_
ALGO27
ISPU_
ALGO26
ISPU_
ALGO25
ISPU_
ALGO24
Table 240. ISPU_ALGO register description
ISPU_ALGO[29:0]
Enable configurations in order to run up to 30 independent algorithms.
LSM6DSO16IS
ISPU_ALGO0 (70h), ISPU_ALGO1 (71h), ISPU_ALGO2 (72h), ISPU_ALGO3 (73h)
DS13892 - Rev 2
page 69/107



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com