Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

LSM6DSO16IS Datasheet(PDF) 96 Page - STMicroelectronics

Part # LSM6DSO16IS
Description  iNEMO inertial module: always-on 3-axis accelerometer and 3-axis gyroscope with ISPU - intelligent sensor processing unit
PDF  107 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

LSM6DSO16IS Datasheet(HTML) 96 Page - STMicroelectronics

Back Button LSM6DSO16IS Datasheet HTML 92Page - STMicroelectronics LSM6DSO16IS Datasheet HTML 93Page - STMicroelectronics LSM6DSO16IS Datasheet HTML 94Page - STMicroelectronics LSM6DSO16IS Datasheet HTML 95Page - STMicroelectronics LSM6DSO16IS Datasheet HTML 96Page - STMicroelectronics LSM6DSO16IS Datasheet HTML 97Page - STMicroelectronics LSM6DSO16IS Datasheet HTML 98Page - STMicroelectronics LSM6DSO16IS Datasheet HTML 99Page - STMicroelectronics LSM6DSO16IS Datasheet HTML 100Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 96 / 107 page
background image
11.2
ISPU_STATUS (04h) .......................................................... 52
11.3
ISPU_MEM_SEL (08h)......................................................... 53
11.4
ISPU_MEM_ADDR1 (09h), ISPU_MEM_ADDR0 (0Ah) ............................. 53
11.5
ISPU_MEM_DATA (0Bh) ....................................................... 53
11.6
ISPU_IF2S_FLAG_L (0Ch), ISPU_IF2S_FLAG_H (0Dh) ............................ 54
11.7
ISPU_S2IF_FLAG_L (0Eh), ISPU_S2IF_FLAG_H (0Fh)............................. 54
11.8
ISPU_DOUT_00_L (10h), ISPU_DOUT_00_H (11h) ................................ 55
11.9
ISPU_DOUT_01_L (12h), ISPU_DOUT_01_H (13h) ................................ 55
11.10 ISPU_DOUT_02_L (14h), ISPU_DOUT_02_H (15h) ................................ 55
11.11 ISPU_DOUT_03_L (16h), ISPU_DOUT_03_H (17h) ................................ 56
11.12 ISPU_DOUT_04_L (18h), ISPU_DOUT_04_H (19h) ................................ 56
11.13 ISPU_DOUT_05_L (1Ah), ISPU_DOUT_05_H (1Bh)................................ 56
11.14 ISPU_DOUT_06_L (1Ch), ISPU_DOUT_06_H (1Dh) ............................... 57
11.15 ISPU_DOUT_07_L (1Eh), ISPU_DOUT_07_H (1Fh)................................ 57
11.16 ISPU_DOUT_08_L (20h), ISPU_DOUT_08_H (21h) ................................ 57
11.17 ISPU_DOUT_09_L (22h), ISPU_DOUT_09_H (23h) ................................ 58
11.18 ISPU_DOUT_10_L (24h), ISPU_DOUT_10_H (25h) ................................ 58
11.19 ISPU_DOUT_11_L (26h), ISPU_DOUT_11_H (27h) ................................ 58
11.20 ISPU_DOUT_12_L (28h), ISPU_DOUT_12_H (29h) ................................ 59
11.21 ISPU_DOUT_13_L (2Ah), ISPU_DOUT_13_H (2Bh)................................ 59
11.22 ISPU_DOUT_14_L (2Ch), ISPU_DOUT_14_H (2Dh) ............................... 59
11.23 ISPU_DOUT_15_L (2Eh), ISPU_DOUT_15_H (2Fh)................................ 60
11.24 ISPU_DOUT_16_L (30h), ISPU_DOUT_16_H (31h) ................................ 60
11.25 ISPU_DOUT_17_L (32h), ISPU_DOUT_17_H (33h) ................................ 60
11.26 ISPU_DOUT_18_L (34h), ISPU_DOUT_18_H (35h) ................................ 61
11.27 ISPU_DOUT_19_L (36h), ISPU_DOUT_19_H (37h) ................................ 61
11.28 ISPU_DOUT_20_L (38h), ISPU_DOUT_20_H (39h) ................................ 61
11.29 ISPU_DOUT_21_L (3Ah), ISPU_DOUT_21_H (3Bh)................................ 62
11.30 ISPU_DOUT_22_L (3Ch), ISPU_DOUT_22_H (3Dh) ............................... 62
11.31 ISPU_DOUT_23_L (3Eh), ISPU_DOUT_23_H (3Fh)................................ 62
11.32 ISPU_DOUT_24_L (40h), ISPU_DOUT_24_H (41h) ................................ 63
11.33 ISPU_DOUT_25_L (42h), ISPU_DOUT_25_H (43h) ................................ 63
11.34 ISPU_DOUT_26_L (44h), ISPU_DOUT_26_H (45h) ................................ 63
11.35 ISPU_DOUT_27_L (46h), ISPU_DOUT_27_H (47h) ................................ 64
11.36 ISPU_DOUT_28_L (48h), ISPU_DOUT_28_H (49h) ................................ 64
11.37 ISPU_DOUT_29_L (4Ah), ISPU_DOUT_29_H (4Bh)................................ 64
LSM6DSO16IS
Contents
DS13892 - Rev 2
page 96/107



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com