Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

T83C5121XXX-ICSIL Datasheet(PDF) 61 Page - ATMEL Corporation

Part # T83C5121XXX-ICSIL
Description  8-bit Microcontroller with Multiprotocol Smart Card Interface
PDF  115 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

T83C5121XXX-ICSIL Datasheet(HTML) 61 Page - ATMEL Corporation

Back Button T83C5121XXX-ICSIL Datasheet HTML 57Page - ATMEL Corporation T83C5121XXX-ICSIL Datasheet HTML 58Page - ATMEL Corporation T83C5121XXX-ICSIL Datasheet HTML 59Page - ATMEL Corporation T83C5121XXX-ICSIL Datasheet HTML 60Page - ATMEL Corporation T83C5121XXX-ICSIL Datasheet HTML 61Page - ATMEL Corporation T83C5121XXX-ICSIL Datasheet HTML 62Page - ATMEL Corporation T83C5121XXX-ICSIL Datasheet HTML 63Page - ATMEL Corporation T83C5121XXX-ICSIL Datasheet HTML 64Page - ATMEL Corporation T83C5121XXX-ICSIL Datasheet HTML 65Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 61 / 115 page
background image
61
A/T8xC5121
4164G–SCR–07/06
Memory Mapping
In the products versions, the following internal spaces are defined:
•RAM
•XRAM
•
CRAM: 16 KBytes Program RAM Memory
•ROM
The specific accesses from/to these memories are:
•
XRAM: if the bit RPS in RCON (described below) is reset, MOVX instructions
address the XRAM space.
•
CRAM: if the bit RPS in RCON is set, MOVX instructions address the CRAM
space.
Table 46. RCON Register
Reset Value = XXXX 0XXXb
T89C5121 Flash ROM Version
Three memory blocks are implemented
•
An internal serial EEPROM can be loaded from external with the application
program.
•
The ROM memory contains the Bootloader program. The entry point is located at
address F800h. The lower 14K Bytes between address C000h and F7FFh is, also,
used for the Bootloader program.
•
The CRAM is the application program memory. This memory is mapped in the
External RAM space. The bit RPS in RCON (SFR address 0D1h) is set to map the
CRAM space during MOVX instructions
For first programming or an update, the program can be downloaded in the internal
EEPROM (and in the CRAM) from an external device:
•
Either an external EEPROM if detected
•
or from a host through RS232 serial communication.
For this purpose, an In-System Programming (ISP) is supplied in a Bootloader. This
Bootloader is program masked in ROM space.
The Hardware Byte BLJRB value is 0.
As described on page 7, after Reset, the Bootloader program is executed.
76
54
32
1
0
--
RPS
Bit
Number
Bit
Mnemonic Description
7-4
-
Reserved
The value read from this bit is indeterminate. Do not set this bit.
3RPS
CRAM space map bit
Set to map the CRAM space during MOVX instructions
Clear to map the Data space during MOVX. This bit has priority over the EXTRAM
bit.
2-0
-
Reserved
The value read from this bit is indeterminate. Do not set this bit.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com