Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

T83C5121XXX-ICSIL Datasheet(PDF) 31 Page - ATMEL Corporation

Part # T83C5121XXX-ICSIL
Description  8-bit Microcontroller with Multiprotocol Smart Card Interface
PDF  115 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

T83C5121XXX-ICSIL Datasheet(HTML) 31 Page - ATMEL Corporation

Back Button T83C5121XXX-ICSIL Datasheet HTML 27Page - ATMEL Corporation T83C5121XXX-ICSIL Datasheet HTML 28Page - ATMEL Corporation T83C5121XXX-ICSIL Datasheet HTML 29Page - ATMEL Corporation T83C5121XXX-ICSIL Datasheet HTML 30Page - ATMEL Corporation T83C5121XXX-ICSIL Datasheet HTML 31Page - ATMEL Corporation T83C5121XXX-ICSIL Datasheet HTML 32Page - ATMEL Corporation T83C5121XXX-ICSIL Datasheet HTML 33Page - ATMEL Corporation T83C5121XXX-ICSIL Datasheet HTML 34Page - ATMEL Corporation T83C5121XXX-ICSIL Datasheet HTML 35Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 31 / 115 page
background image
31
A/T8xC5121
4164G–SCR–07/06
the different counters. One of the most important counters is the guard time counter that
gives time slots corresponding to the character frame.
It is enabled only in UART mode.
The transition from the receipt mode to the transmit mode is done automatically. Priority
is given to the transmission.
ETU Counter
The ETU (Elementary Timing Unit) counter controls the working frequency of the barrel
shifter, in fact, it generates the enable signal of the barrel shifter.
It is 11 bits wide and there is a special compensation mode activated with the most sig-
nificant bit that allows non integer ETU value with a working clock equal to the card
clock .
But the decimal value is limited to a half clock cycle. In fact the bit duration is not fixed. It
takes turns in n clock cycles and n-1 clock cycles. The character duration (10 bits) is
also equal to 10*(n+1/2) clock cycles.
This allows to reach the required precision of the character duration specified by the
ISO7816 standard.
example: F = 372 D = 32 = > ETU = 11.625 clock cycles.
ETU = (ETU[10-0] -0.5 * COMP)*f with ETU[10-0] = 12, COMP = 1 (bit 7 of SCETU1)
To achieve this clock rate we activated the compensation mode and we programmed
the ETU duration to 12 clock cycles.
The result will be a full character duration (10 bits) equal to 11.5 clock cycles.
Guard Time Counter
The minimum time between the leading edge of the start bit of a character and the lead-
ing edge of the start bit of the following character transmitted (Guard time) is controlled
by one counter.
It is 9 bits wide and is incremented at the ETU rate.
Figure 15. Guard Time Counter
ETU Counter
SCGT1
SCGT0
GT[8:0]
Guard Time Counter
Timeout



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com