Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

T83C5121XXX-ICSIL Datasheet(PDF) 18 Page - ATMEL Corporation

Part # T83C5121XXX-ICSIL
Description  8-bit Microcontroller with Multiprotocol Smart Card Interface
PDF  115 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

T83C5121XXX-ICSIL Datasheet(HTML) 18 Page - ATMEL Corporation

Back Button T83C5121XXX-ICSIL Datasheet HTML 14Page - ATMEL Corporation T83C5121XXX-ICSIL Datasheet HTML 15Page - ATMEL Corporation T83C5121XXX-ICSIL Datasheet HTML 16Page - ATMEL Corporation T83C5121XXX-ICSIL Datasheet HTML 17Page - ATMEL Corporation T83C5121XXX-ICSIL Datasheet HTML 18Page - ATMEL Corporation T83C5121XXX-ICSIL Datasheet HTML 19Page - ATMEL Corporation T83C5121XXX-ICSIL Datasheet HTML 20Page - ATMEL Corporation T83C5121XXX-ICSIL Datasheet HTML 21Page - ATMEL Corporation T83C5121XXX-ICSIL Datasheet HTML 22Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 18 / 115 page
background image
18
A/T8xC5121
4164G–SCR–07/06
Reduced EMI Mode
The ALE signal is used to demultiplex address and data buses on port 0 when used with
external program or data memory. Nevertheless, during internal code execution, ALE
signal is still generated.
Only in case of PLCC52 version, in order to reduce EMI, ALE signal can be disabled by
setting AO bit.
The AO bit is located in AUXR register at bit location 0 (See Table 4). As soon as AO is
set, ALE is no longer output but remains active during MOVX and MOVC instructions
and external fetches. During ALE disabling, ALE pin is weakly pulled high.
Power Modes Control
Registers
Table 3. PCON Register
PCON (S:87h)
Power Configuration Register
Reset Value = X0XX XX00b
76
54
32
1
0
SMOD1
SMOD0
-
-
LEDPD
GF0
PD
IDL
Bit
Number
Bit
Mnemonic Description
7SMOD1
Double Baud Rate bit
Set to double the Baud Rate when Timer 1 is used and mode 1, 2 or 3 is selected in
SCON register.
6SMOD0
SCON Select bit
When cleared, read/write accesses to SCON.7 are to SM0 bit and read/write
accesses to SCON.6 are to SM1 bit.
When set, read/write accesses to SCON.7 are to FE bit and read/write accesses to
SCON.6 are to OVR bit. SCON is Serial Port Control register.
5
Reserved
4
Reserved
3
LEDPD
LED Control Power-Down Mode bits
When cleaned the I/O pull-up is the standard C51 pull-up control. When set the
medium pull-up is disconnected.
2GF0
General-purpose flag 0
One use is to indicate wether an interrupt occurred during normal operation or
during Idle mode.
1PD
Power-down Mode bit
Cleared by hardware when an interrupt or reset occurs.
Set to activate the Power-down mode.
If IDL and PD are both set, PD takes precedence.
0IDL
Idle Mode bit
Cleared by hardware when an interrupt or reset occurs.
Set to activate the Idle mode.
If IDL and PD are both set, PD takes precedence.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com