Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

T83C5121XXX-ICSIL Datasheet(PDF) 68 Page - ATMEL Corporation

Part # T83C5121XXX-ICSIL
Description  8-bit Microcontroller with Multiprotocol Smart Card Interface
PDF  115 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

T83C5121XXX-ICSIL Datasheet(HTML) 68 Page - ATMEL Corporation

Back Button T83C5121XXX-ICSIL Datasheet HTML 64Page - ATMEL Corporation T83C5121XXX-ICSIL Datasheet HTML 65Page - ATMEL Corporation T83C5121XXX-ICSIL Datasheet HTML 66Page - ATMEL Corporation T83C5121XXX-ICSIL Datasheet HTML 67Page - ATMEL Corporation T83C5121XXX-ICSIL Datasheet HTML 68Page - ATMEL Corporation T83C5121XXX-ICSIL Datasheet HTML 69Page - ATMEL Corporation T83C5121XXX-ICSIL Datasheet HTML 70Page - ATMEL Corporation T83C5121XXX-ICSIL Datasheet HTML 71Page - ATMEL Corporation T83C5121XXX-ICSIL Datasheet HTML 72Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 68 / 115 page
background image
68
A/T8xC5121
4164G–SCR–07/06
The only mean to remove the security level 2 is to send a Full Chip Erase command.
Table 48. Synthesis of Security Mechanisms
Configuration Bits
The Bootloader tests that TWI components are connected as slave components on the
TWI external bus and later in the algorithm if characters are received on the UART input.
This default configuration can be changed, after a first programming, in order:
–
to disable new programming in download mode from external serial
EEPROM to disable ISP programming using UART and
–
to avoid any conflict with the target hardware on external TWI bus or UART.
This can be configured with the two higher bits of the SSB Byte detailed in the previous
paragraph.
The bit 7 is used to bypass (if 0) the External TWI Acknowledge test.
The bit 6 is used to bypass (if 0) the UART receipt test.
These two bypass modes can be disabled if a level 0 is applied on, respectively, P3.5
and P3.6 pins. This allows to force and use ISP even if the device has been configured
as programmed device.
Source
Function
Protection
Internal
EEPROM
Write
The first protection level of the SSB Byte IN the internal EEPROM protects
against ISP Write command
Internal
EEPROM
Read
The second protection level of the SSB Byte IN the internal EEPROM protects
against ISP Read commands
CRAM
Write
The first protection level of the SSB Byte IN the internal EEPROM protects
against ISP Write command in CRAM
CRAM
Read
The second protection level of the SSB Byte IN the CRAM protects against ISP
Read commands
Data Bytes
SSB
Address
3FFD



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com