Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

T83C5121XXX-ICSIL Datasheet(PDF) 62 Page - ATMEL Corporation

Part # T83C5121XXX-ICSIL
Description  8-bit Microcontroller with Multiprotocol Smart Card Interface
PDF  115 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

T83C5121XXX-ICSIL Datasheet(HTML) 62 Page - ATMEL Corporation

Back Button T83C5121XXX-ICSIL Datasheet HTML 58Page - ATMEL Corporation T83C5121XXX-ICSIL Datasheet HTML 59Page - ATMEL Corporation T83C5121XXX-ICSIL Datasheet HTML 60Page - ATMEL Corporation T83C5121XXX-ICSIL Datasheet HTML 61Page - ATMEL Corporation T83C5121XXX-ICSIL Datasheet HTML 62Page - ATMEL Corporation T83C5121XXX-ICSIL Datasheet HTML 63Page - ATMEL Corporation T83C5121XXX-ICSIL Datasheet HTML 64Page - ATMEL Corporation T83C5121XXX-ICSIL Datasheet HTML 65Page - ATMEL Corporation T83C5121XXX-ICSIL Datasheet HTML 66Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 62 / 115 page
background image
62
A/T8xC5121
4164G–SCR–07/06
If a serial communication device (as described above: TWI or RS232) is detected, the
program download its content in the internal EEPROM and in CRAM.
Else, the program is internally downloaded from the internal EEPROM into the program
CRAM memory (16 Kbytes)
Then, in the two cases, the Bootloader executes a Long Jump at address 0000h which
initializes the Program counter at the lower address (0000h) of the executable CRAM.
Figure 24. CRAM with ROM and EEPROM Memory Mappings
T85C121 Code RAM Version
Two memory blocks are implemented:
•
The ROM memory contains the Bootloader program.
•
The CRAM is the Application program memory.
After Reset, the program is downloaded, as described in last paragraph, from either an
external EEPROM or from an host connected on RS232 serial link into the program
CRAM memory of 16 Kbytes. Then the Program Counter is set at address 0000h of the
CRAM space and the program is executed.
16 Kbytes
256 bytes
0000h
3FFFh
CRAM
XRAM
RAM
ROM
FFFFh
F800h
C000h
entry point
Bootloader
256 bytes



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com