Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

T83C5121XXX-ICSIL Datasheet(PDF) 47 Page - ATMEL Corporation

Part # T83C5121XXX-ICSIL
Description  8-bit Microcontroller with Multiprotocol Smart Card Interface
PDF  115 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

T83C5121XXX-ICSIL Datasheet(HTML) 47 Page - ATMEL Corporation

Back Button T83C5121XXX-ICSIL Datasheet HTML 43Page - ATMEL Corporation T83C5121XXX-ICSIL Datasheet HTML 44Page - ATMEL Corporation T83C5121XXX-ICSIL Datasheet HTML 45Page - ATMEL Corporation T83C5121XXX-ICSIL Datasheet HTML 46Page - ATMEL Corporation T83C5121XXX-ICSIL Datasheet HTML 47Page - ATMEL Corporation T83C5121XXX-ICSIL Datasheet HTML 48Page - ATMEL Corporation T83C5121XXX-ICSIL Datasheet HTML 49Page - ATMEL Corporation T83C5121XXX-ICSIL Datasheet HTML 50Page - ATMEL Corporation T83C5121XXX-ICSIL Datasheet HTML 51Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 47 / 115 page
background image
47
A/T8xC5121
4164G–SCR–07/06
Interrupt System
The T8xC5121 has a total of 6 interrupt vectors: four external interrupts (INT0, INT1/OE,
CPRES, RxD), two Timer 0 interrupts (Timer 0s 0 and 1), serial port interrupt and Smart
Card Interface interrupt. These interrupts are shown in Figure 23.
Figure 23. Interrupt Control System
Each of the interrupt sources can be individually enabled or disabled by setting or clear-
ing a bit in the Interrupt Enable register (see Figure 32). This register also contains a
global disable bit, which must be cleared to disable all interrupts at once.
Each interrupt source can also be individually programmed to one of four priority levels
by setting or clearing a bit in the Interrupt Priority register (see Figure 36) and in the
Interrupt Priority High register (see Figure 38). Table 30 shows the bit values and priority
levels associated with each combination.
Table 30. Priority Level Bit Values
0
3
Interrupt
Polling
Sequence
TI
RI
TF0
INT0
TF1
IPH0, IPL0
IE0
0
3
0
3
0
3
0
3
0
3
Individual
Enable
Global
Enable
Low Priority
Interrupt
High Priority
Interrupt
INT1/OE
CPRES
Rxd
RXEN
SCI
RXIT
CPLEV
EX0
ET0
EX1
ET1
ES
ESCI
OEEN
0
1
IE1
1
0
0
1
PRESEN
0
1
OELEV
IT1
IT0
TCON reg.
TCON Reg.
PRESIT
The selection bits
except IT1 (TCON)
are in ISEL Reg.
IPH1, IPL1
IPH.x
IP.x
Interrupt Level Priority
0
0
0 (Lowest)
01
1
10
2
1
1
3 (Highest)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com