Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

T83C5121XXX-ICSIL Datasheet(PDF) 98 Page - ATMEL Corporation

Part # T83C5121XXX-ICSIL
Description  8-bit Microcontroller with Multiprotocol Smart Card Interface
PDF  115 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

T83C5121XXX-ICSIL Datasheet(HTML) 98 Page - ATMEL Corporation

Back Button T83C5121XXX-ICSIL Datasheet HTML 94Page - ATMEL Corporation T83C5121XXX-ICSIL Datasheet HTML 95Page - ATMEL Corporation T83C5121XXX-ICSIL Datasheet HTML 96Page - ATMEL Corporation T83C5121XXX-ICSIL Datasheet HTML 97Page - ATMEL Corporation T83C5121XXX-ICSIL Datasheet HTML 98Page - ATMEL Corporation T83C5121XXX-ICSIL Datasheet HTML 99Page - ATMEL Corporation T83C5121XXX-ICSIL Datasheet HTML 100Page - ATMEL Corporation T83C5121XXX-ICSIL Datasheet HTML 101Page - ATMEL Corporation T83C5121XXX-ICSIL Datasheet HTML 102Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 98 / 115 page
background image
98
A/T8xC5121
4164G–SCR–07/06
Electrical Characteristics
Absolute Maximum Ratings
DC Parameters
TA = -40°C to +85°C; VSS = 0 V; VCC = 2.85V to 5.4V; F = 7.36 to 16 MHz
Table 72. Core DC Parameters (XTAL, RST, P0, P2, ALE, PSEN, EA)
Ambiant Temperature Under Bias ......................-25
°C to 85°C
Storage Temperature ................................... -65
°C to + 150°C
Voltage on V
CC to V
SS........................................ -0.5V to + 6.0V
Voltage on Any Pin to VSS.......................... -0.5V to VCC + 0.5V
Note:
Stresses at or above those listed under “ Absolute
Maximum Ratings” may cause permanent damage to
the device. This is a stress rating only and functional
operation of the device at these or any other condi-
tions above those indicated in the operational
sections of this specification is not implied. Exposure
to absolute maximum rating conditions may affect
device reliability.
Symbol
Parameter
Min
Typ
Max
Unit
Test Conditions
VIL
Input Low Voltage
-0.5
0.2 VCC - 0.1
V
V
IH
Input High Voltage
except XTAL1, RST
.2 V
CC + .9
V
CC + 0.5
V
VIH1
Input High Voltage,
XTAL1, RST
0.7 VCC
VCC + 0.5
V
VOL
Output Low Voltage,
Port 0 and 2
0.45
V
IOL = 1.6 mA
VOH
Output High Voltage,
Port 0 and 2
0.9 x VCC
VIOH = -40 µA
DI
CC
Digital Supply Output
Current
610
mA
C
L = 100 nF
DVCC
Digital Supply
Voltage
2.5
2 .9
3.0
V
CL = 100 nF
DIcc=10mA
Icc
Normal Power Down
mode
80
100
µA
25°C
Icc
Pulsed Power Down
mode
20
30
µA
50°C Vcc=3V
Iccop
Power Supply
current
Iccop = 0.25 Freq (MHz) +4 mA
IccIDLE = 0.03 Freq (MHz) +5 mA
V
CC = 5.4V and
Bootloader
execution
VPFDP
Power-fail high level
threshold
2 .55
V
V
PFDM
Power-fail low level
threshold
2 .45
V
tG
Power Fail glitch
time
50
ns
trise, tfall
VDD rise and fall
time
1
μs
600
sec.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com